Electronic Components Datasheet Search
  English  ▼

X  

PI3CH281LE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3CH281LE
Description  Low Voltage, High Bandwidth, 2-Channel, 4:1 Mux/DeMux, NanoSwitch with Single Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3CH281LE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3CH281LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3CH281LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3CH281LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3CH281LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3CH281LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3CH281LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3CH281LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3CH281LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3CH281LE Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
PS8726A
07/08/04
Features
• Near-zero propagation delay
• 5Ω switches connect inputs to outputs
• High signal passing bandwidth (300MHz)
• Beyond Rail-to-Rail switching
• 5V I/O tolerant with 3.3V supply
• 2.5V and 3.3V supply voltage operation
• Hot insertion capable
• Industrial operating temperature: -40ºC to +85ºC
• 2KV ESD Protection (human body model)
• Latch-up performance >250mA per JESD17
• Packaging (Pb-free & greeen available):
– 16-pin 150-mil wide plastic QSOP (Q)
– 16-pin 173-mil wide plastic TSSOP (L)
– 20-contact TQFN (ZH)
Low Voltage, High Bandwidth, 2-Channel, 4:1
Mux/DeMux, NanoSwitch™ with Single Enable
Description
Pericom Semiconductor’s PI3CH series of switch circuits are
produced using the Company’s advanced sub-micron CMOS
technology, achieving industry leading performance.
The PI3CH281 is a 2-channel, 4:1 Multiplexer/Demultiplexer with
3-state outputs. The switch introduces no additional ground bounce
noise or propagation delay.
The PI3CH281 device is very useful in switching signals that have
high bandwidth (300MHz).
PI3CH281
Block Diagram
IA0
EN
S0
S1
IA1 IA2 IA3 IB0 IB1 IB2 IB3
YA
YB
Pin Configuration
1
2
3
4
5
16
6
15
7
14
8
13
12
11
10
9
EN
S1
IA3
IA2
IA1
IA0
YA
GND
VCC
N.C.
S0
IB3
IB2
IB1
IB0
YB
16-pin
L, Q
20-Contact
ZH
N.C.
N.C.
S0
IB3
IB2
IB1
IB0
YB
EN
S1
IA3
IA2
IA1
IA0
YA
N.C.
19�
18
17
16
15
14
13
12
1
20
10
11
2
3
4
5
6
7
8
9
Notes:
1.
N.C = No internal connection


Similar Part No. - PI3CH281LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3CH281QE PERICOM-PI3CH281QE Datasheet
396Kb / 7P
2-Channel 4:1 Mux/DeMux, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH281QEX PERICOM-PI3CH281QEX Datasheet
396Kb / 7P
2-Channel 4:1 Mux/DeMux, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH281 PERICOM-PI3CH281_15 Datasheet
396Kb / 7P
2-Channel 4:1 Mux/DeMux, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
More results

Similar Description - PI3CH281LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3DBV40 PERICOM-PI3DBV40 Datasheet
424Kb / 8P
3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux Video Switch with Single Enable
PI3USB14 PERICOM-PI3USB14 Datasheet
497Kb / 9P
Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
PI3CH360 PERICOM-PI3CH360 Datasheet
436Kb / 9P
Low Voltage, High-Bandwidth, 3-Channel 2:1 Mux/DeMux, NanoSwitch
PI3CH480 PERICOM-PI3CH480 Datasheet
449Kb / 8P
Low Voltage, High-Bandwidth, 4-Channel 2:1 Mux/Demux, NanoSwitch
logo
Potato Semiconductor Co...
PO3B14A POTATO-PO3B14A Datasheet
576Kb / 6P
4:1 Mux/DeMux with Single Enable
PO3B40A POTATO-PO3B40A Datasheet
569Kb / 6P
Wide Bandwidth, 8-Channel, 2:1 Mux/DeMux with Single Enable
PO3B14A POTATO-PO3B14A_14 Datasheet
1Mb / 6P
2 channel 4:1 Mux/DeMux with Single Enable
PO3B20A POTATO-PO3B20A_14 Datasheet
1Mb / 5P
Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux with Single Enable
PO3B40A POTATO-PO3B40A_14 Datasheet
1Mb / 5P
Wide Bandwidth, 8-Channel, 2:1 Mux/DeMux with Single Enable
logo
Pericom Semiconductor C...
PI3USB14-A PERICOM-PI3USB14-A Datasheet
686Kb / 9P
Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com