Electronic Components Datasheet Search
  English  ▼

X  

AM29PDL128G70R Datasheet(PDF) 16 Page - SPANSION

Part # AM29PDL128G70R
Description  128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIO Control
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PDL128G70R Datasheet(HTML) 16 Page - SPANSION

Back Button AM29PDL128G70R Datasheet HTML 12Page - SPANSION AM29PDL128G70R Datasheet HTML 13Page - SPANSION AM29PDL128G70R Datasheet HTML 14Page - SPANSION AM29PDL128G70R Datasheet HTML 15Page - SPANSION AM29PDL128G70R Datasheet HTML 16Page - SPANSION AM29PDL128G70R Datasheet HTML 17Page - SPANSION AM29PDL128G70R Datasheet HTML 18Page - SPANSION AM29PDL128G70R Datasheet HTML 19Page - SPANSION AM29PDL128G70R Datasheet HTML 20Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 69 page
background image
July 29, 2002
Am29PDL128G
15
P R E L I M I NARY
SA81
01001010XXX
32/16
250000h–257FFFh
128000h–12BFFFh
SA82
01001011XXX
32/16
258000h–25FFFFh
12C000h–12FFFFh
SA83
01001100XXX
32/16
260000h–267FFFh
130000h–133FFFh
SA84
01001101XXX
32/16
268000h–26FFFFh
134000h–137FFFh
SA85
01001110XXX
32/16
270000h–277FFFh
138000h–13BFFFh
SA86
01001111XXX
32/16
278000h–27FFFFh
13C000h–13FFFFh
SA87
01010000XXX
32/16
280000h–287FFFh
140000h–143FFFh
SA88
01010001XXX
32/16
288000h–28FFFFh
144000h–147FFFh
SA89
01010010XXX
32/16
290000h–297FFFh
148000h–14BFFFh
SA90
01010011XXX
32/16
298000h–29FFFFh
14C000h–14FFFFh
SA91
01010100XXX
32/16
2A0000h–2A7FFFh
150000h–153FFFh
SA92
01010101XXX
32/16
2A8000h–2AFFFFh
154000h–157FFFh
SA93
01010110XXX
32/16
2B0000h–2B7FFFh
158000h–15BFFFh
SA94
01010111XXX
32/16
2B8000h–2BFFFFh
15C000h–15FFFFh
SA95
01011000XXX
32/16
2C0000h–2C7FFFh
160000h–163FFFh
SA96
01011001XXX
32/16
2C8000h–2CFFFFh
164000h–167FFFh
SA97
01011010XXX
32/16
2D0000h–2D7FFFh
168000h–16BFFFh
SA98
01011011XXX
32/16
2D8000h–2DFFFFh
16C000h–16FFFFh
SA99
01011100XXX
32/16
2E0000h–2E7FFFh
170000h–173FFFh
SA100
01011101XXX
32/16
2E8000h–2EFFFFh
174000h–177FFFh
SA101
01011110XXX
32/16
2F0000h–2F7FFFh
178000h–17BFFFh
SA102
01011111XXX
32/16
2F8000h–2FFFFFh
17C000h–17FFFFh
SA103
01100000XXX
32/16
300000h–307FFFh
180000h–183FFFh
SA104
01100001XXX
32/16
308000h–30FFFFh
184000h–187FFFh
SA105
01100010XXX
32/16
310000h–317FFFh
188000h–18BFFFh
SA106
01100011XXX
32/16
318000h–31FFFFh
18C000h–18FFFFh
SA107
01100100XXX
32/16
320000h–327FFFh
190000h–193FFFh
SA108
01100101XXX
32/16
328000h–32FFFFh
194000h–197FFFh
SA109
01100110XXX
32/16
330000h–337FFFh
198000h–19BFFFh
SA110
01100111XXX
32/16
338000h–33FFFFh
19C000h–19FFFFh
SA111
01101000XXX
32/16
340000h–347FFFh
1A0000h–1A3FFFh
SA112
01101001XXX
32/16
348000h–34FFFFh
1A4000h–1A7FFFh
SA113
01101010XXX
32/16
350000h–357FFFh
1A8000h–1ABFFFh
SA114
01101011XXX
32/16
358000h–35FFFFh
1AC000h–1AFFFFh
SA115
01101100XXX
32/16
360000h–367FFFh
1B0000h–1B3FFFh
SA116
01101101XXX
32/16
368000h–36FFFFh
1B4000h–1B7FFFh
SA117
01101110XXX
32/16
370000h–377FFFh
1B8000h–1BBFFFh
SA118
01101111XXX
32/16
378000h–37FFFFh
1BC000h–1BFFFFh
SA119
01110000XXX
32/16
380000h–387FFFh
1C0000h–1C3FFFh
Table 5.
Sector Address Table (Continued)
Bank
Sector
Sector Address
(A21-A11)
Sector Size
(Kwords/
Kdoublewords)
Address Range
(x16)
Address Range
(x32)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com