Electronic Components Datasheet Search
  English  ▼

X  

LM2744 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2744
Description  Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2744 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM2744 Datasheet HTML 12Page - National Semiconductor (TI) LM2744 Datasheet HTML 13Page - National Semiconductor (TI) LM2744 Datasheet HTML 14Page - National Semiconductor (TI) LM2744 Datasheet HTML 15Page - National Semiconductor (TI) LM2744 Datasheet HTML 16Page - National Semiconductor (TI) LM2744 Datasheet HTML 17Page - National Semiconductor (TI) LM2744 Datasheet HTML 18Page - National Semiconductor (TI) LM2744 Datasheet HTML 19Page - National Semiconductor (TI) LM2744 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Application Information (Continued)
The power stage modulator provides a DC gain A
DC that is
equal to the input voltage divided by the peak-to-peak value
of the PWM ramp. This ramp is 1.0VP-P for the LM2744. The
inductor and output capacitor create a double pole at fre-
quency f
DP, and the capacitor ESR and capacitance create a
single zero at frequency f
ESR. For this example, with VIN =
3.3V, these quantities are:
In the equation for f
DP, the variable RL is the power stage
resistance, and represents the inductor DCR plus the on
resistance of the high-side MOSFET. R
O is the output volt-
age divided by output current. The power stage transfer
function G
PS is given by the following equation, and Figure
12 shows Bode plots of the phase and gain in this example.
a=LC
O(RO +RC)
b=L +C
O(RORL +RORC +RCRL)
c=R
O +RL
The double pole at 4.5kHz causes the phase to drop to
approximately -130˚ at around 10kHz. The ESR zero, at
20.3kHz, provides a +90˚ boost that prevents the phase from
dropping to -180o. If this loop were left uncompensated, the
bandwidth would be approximately 10kHz and the phase
margin 53˚. In theory, the loop would be stable, but would
suffer from poor DC regulation (due to the low DC gain) and
would be slow to respond to load transients (due to the low
bandwidth.) In practice, the loop could easily become un-
stable due to tolerances in the output inductor, capacitor, or
changes in output current, or input voltage. Therefore, the
loop is compensated using the error amplifier and a few
passive components.
For this example, a Type III, or three-pole-two-zero approach
gives optimal bandwidth and phase.
In most voltage mode compensation schemes, including
Type III, a single pole is placed at the origin to boost DC gain
as high as possible. Two zeroes f
Z1 and fZ2 are placed at the
double pole frequency to cancel the double pole phase lag.
Then, a pole, f
P1 is placed at the frequency of the ESR zero.
A final pole f
P2 is placed at one-half of the switching fre-
quency. The gain of the error amplifier transfer function is
selected to give the best bandwidth possible without violat-
ing the Nyquist stability criteria. In practice, a good crossover
20106069
20106070
FIGURE 12. Power Stage Gain and Phase
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com