| Electronic Components Datasheet Search |
|
CYTMA445 Datasheet(PDF) 2 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
CYTMA445 Datasheet(HTML) 2 Page - Cypress Semiconductor |
|
2 / 3 page ![]() SUMMARY CYTMA445 Document Number: 001-90907 Rev. *D Page 2 of 3 Ordering Information Table 1 lists the CYTMA445 TrueTouch touchscreen controllers. For information on other TrueTouch® families, visit http://www.cypress.com/truetouch. Table 1. Device Ordering Information[1] Ordering Code Definitions Notes 1. All devices have the following base features: 10-V TX, ChargerArmor, CapSense buttons, Large Object Detection and Rejection, and Grip Suppression. 2. 4.7-mm pitch for screen sizes up to 4.9-inch diagonal, 4.8-mm pitch for 5.0-inch diagonal screen size, 16:9 aspect ratio. Larger screen sizes can be supported with a larger pitch. Device Part Number Base Features Glove Package Family Part Number Sense Pins Typ Screen Size (inches)[2] Max Fingers TX Slew Rate Control Improved ESD Performance Water Rejection (DualSense) CYTMA445-48LQI36AE(T) 36 5.0 10 – – ✔ 48-Pin QFN Custom Reserved for Kits CYTMA445-44LQI33ZZ(T) 33 4.5 10 – – ✔ 44-Pin QFN Base CYTMA445-44LQI28AAA(T) 28 3.9 10 ✔✔ – 44-Pin QFN CYTMA445-44LQI33AAA(T) 33 4.5 10 ✔✔ – 44-Pin QFN CYTMA445-48LQI36AAA(T) 36 5.0 10 ✔✔ – 48-Pin QFN Water Rejection (DualSense) CYTMA445-44LQI33ABA(T) 33 4.5 10 ✔✔ – 44-Pin QFN CYTMA445-48LQI36ABA(T) 36 5.0 10 ✔✔ – 48-Pin QFN CYTMA445-44LQI33ACA(T) 33 4.5 10 ✔✔ – 44-Pin QFN CYTMA445-48LQI36ACA(T) 36 5.0 10 ✔✔ – 48-Pin QFN CYTMA445-44LQI33AEA(T) 33 4.5 10 ✔✔ ✔ 44-Pin QFN CYTMA445-48LQI36AEA(T) 36 5.0 10 ✔✔ ✔ 48-Pin QFN Custom Reserved for Kits CYTMA445-44LQI33ZZA(T) 33 4.5 10 ✔✔ ✔ 44-Pin QFN CYTMA445-48LQI36ZZA(T) 36 5.0 10 ✔✔ ✔ 48-Pin QFN Pins/Package Type (##LQI) Part Number: 445 Family Code: TMA = Multi-Touch All-Points Controller Marketing Code: CY = Cypress CY TMA 445 ## ##LQI Features (XX) AA = Base Part AB/AC = Base Part + Water Rejection (DualSense) AE = Base Part + Water Rejection (DualSense) + Glove ZZ = Custom Development 44LQI = 44-pin QFN 48LQI = 48-pin QFN -XX Number of Sense I/O (##): 28, 33, or 36 A: TX Slew Rate Control (A) T: Tape and Reel (T) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |