Electronic Components Datasheet Search
  English  ▼

X  

632003 Datasheet(PDF) 2 Page - Lumberg

Part # 632003
Description  Screw terminal blocks, pitch 3.5/5.0/10.0 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

632003 Datasheet(HTML) 2 Page - Lumberg

  632003 Datasheet HTML 1Page - Lumberg 632003 Datasheet HTML 2Page - Lumberg 632003 Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
61 6320
01/2018
2
*a
hole for test spike Ø 1.3 mm
*b
bore hole of printed circuit board Ø 1.3 mm
*c
dovetail joint without loss of pitch
Environmental conditions
Temperature range
-25 °C/+125 °C 1
1
upper limit temperature (insulating body) RTI (electrical) of the UL Yellow Card
Materials
Insulating body
PA, V-2 according to UL94
Clamp
steel, zinc-plated and chromatiert
Wire protector
CuZn, pre-nickel and tin-plated
Screw
steel, zinc-plated and chromatiert
Mechanical data
Screw size
M2,5
Tightening torque screw
0,4 Nm
Connectable conductors for IDT area
Section min.
0,2 mm² (AWG 24)
Section max.
2,5 mm² (AWG 14)
Connectable conductors for screw clamp
Section stranded wire
0,2–2,5 mm²
AWG 24–14 (UL)/AWG 24–16 (CSA)
Section stranded wire with sleeve
0,2–1,5 mm² (AWG 24–16)
Section solid wire
0,2–2,5 mm²
AWG 24–14 (UL)/AWG 24–16 (CSA)
Stripping length
7 ± 0,5 mm
Electrical data (at Tamb 20 °C)
Rated current
16 A (TU 100 °C)
Rated voltage
630 V AC (IEC)
300 V AC (UL)/300 V-B (CSA)
Material group
I (IEC)/0 (UL) (CTI ≥ 600)
Creepage distance
3,6 mm
Clearance
3,4 mm
Insulation resistance
> 10 GΩ
of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com