Electronic Components Datasheet Search
  English  ▼

X  

KBW Datasheet(PDF) 1 Page - Lumberg

Part # KBW
Description  Pluggable screw terminal blocks on socket boards, pitch 5.0 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

KBW Datasheet(HTML) 1 Page - Lumberg

  KBW Datasheet HTML 1Page - Lumberg KBW Datasheet HTML 2Page - Lumberg KBW Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
65 KBW
01/2018
1
Pluggable screw terminal blocks on socket boards, pitch 5.0 mm
Socket board, angular, solder pins single row, with
retaining hooks for printed circuit board edge,
consecutive placement without loss of pitch
Approvals:
PS
Q
K
U A
R
L
A
I
M
T Y
E N
E C
MAT
R
I
I
O
F
N
N
D
O
E
C
L
E
A
D
F
N
A
O
B
IT
PS
Q
K
U A
R
L
A
I
M
T Y
E N
E C
MAT
R
I
I
O
F
N
N
D
O
E
C
L
E
A
D
F
N
A
O
B
IT
of 3


Similar Part No. - KBW

ManufacturerPart #DatasheetDescription
logo
Lumberg
KBWO LUMBERG-KBWO Datasheet
447Kb / 3P
Pluggable screw terminal blocks on socket boards, pitch 5.0 mm
KBWO02 LUMBERG-KBWO02 Datasheet
447Kb / 3P
Pluggable screw terminal blocks on socket boards, pitch 5.0 mm
KBWO03 LUMBERG-KBWO03 Datasheet
447Kb / 3P
Pluggable screw terminal blocks on socket boards, pitch 5.0 mm
KBWO04 LUMBERG-KBWO04 Datasheet
447Kb / 3P
Pluggable screw terminal blocks on socket boards, pitch 5.0 mm
KBWO05 LUMBERG-KBWO05 Datasheet
447Kb / 3P
Pluggable screw terminal blocks on socket boards, pitch 5.0 mm
More results

Similar Description - KBW

ManufacturerPart #DatasheetDescription
logo
Lumberg
KB02 LUMBERG-KB02 Datasheet
580Kb / 3P
Pluggable screw terminal blocks on socket boards, pitch 5.0 mm
KBQ LUMBERG-KBQ Datasheet
548Kb / 3P
Pluggable screw terminal blocks on socket boards, pitch 5.0 mm
KBWO LUMBERG-KBWO Datasheet
447Kb / 3P
Pluggable screw terminal blocks on socket boards, pitch 5.0 mm
KREG LUMBERG-KREG Datasheet
611Kb / 3P
Screw terminal blocks, pitch 3.5/5.0/10.0 mm
KRESL LUMBERG-KRESL Datasheet
551Kb / 3P
Screw terminal blocks, pitch 3.5/5.0/10.0 mm
KRMO LUMBERG-KRMO Datasheet
375Kb / 3P
Screw terminal blocks, pitch 3.5/5.0/10.0 mm
KS02 LUMBERG-KS02 Datasheet
440Kb / 3P
Pluggable screw terminal blocks on socket boards, pitch 5.0 mm
KSC LUMBERG-KSC Datasheet
441Kb / 3P
Pluggable screw terminal blocks on socket boards, pitch 5.0 mm
KB LUMBERG-KB Datasheet
546Kb / 3P
Pluggable screw terminal blocks on socket boards, pitch 5.0 mm
KS LUMBERG-KS Datasheet
452Kb / 3P
Pluggable screw terminal blocks on socket boards, pitch 5.0 mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com