Electronic Components Datasheet Search
  English  ▼

X  

677006 Datasheet(PDF) 4 Page - Lumberg

Part # 677006
Description  Pluggable terminal blocks on pin headers, pitch 5.08 mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

677006 Datasheet(HTML) 4 Page - Lumberg

  677006 Datasheet HTML 1Page - Lumberg 677006 Datasheet HTML 2Page - Lumberg 677006 Datasheet HTML 3Page - Lumberg 677006 Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
67 6770
01/2018
4
Designation
Pole Number
PU (Pieces)
MDQ (Pieces)
Dimensions
A (mm)
B (mm)
6770 02
2
2640
2640
5.08
10.06
6770 03
3
1680
1680
10.16
15.14
6770 04
4
1200
1200
15.24
20.22
6770 05
5
960
960
20.32
25.30
6770 06
6
720
720
25.40
30.38
6770 07
7
720
720
30.48
35.46
Packaging:
chained, in a cardboard box
of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com