Electronic Components Datasheet Search
  English  ▼

X  

EPC-B2000 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EPC-B2000
Description  Embedded Mini-ITX Chassis with One Expansion Slot
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-B2000 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EPC-B2000 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-B2000 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm [inch]
EPC-B2000
Ordering Information
Model Name
Parts Number
Power Supply
Supported MB
Regulation
EPC-B2000
AIMB-B2000-15ZE
ATX 150W
AIMB-273/272/270
CE, FCC, UL, CB
AIMB-274/203/281
CE, FCC
AIMB-B2000-00YE
Optional external AC-DC Adaptor 60W & 84W
AIMB-214/213/212/223
CE, FCC, UL, CB
AIMB-224/225/226/230/231/215
CE, FCC
Power Supply Options
Parts Number
Watts
Input
Output
Safety
96PS-A150WFX-1
150 W
AC 100 ~ 240 V
+3.3 V @ 10 A, +5 A @ 13 A, +12 V @ 10 A,
+5 vsb @ 2 A, -12 V @ 0.3 A
CE/FCC/CCC/UL/CB/TUV
96PSA-A60W12V1-1
60 W
AC 100 ~ 240 V
12 V, 5 A
CE/FCC/CCC/UL/CB/KC/PSE/GS/GOST R
96PSA-A84W12V1
84 W
AC 100 ~ 240 V
12 V, 7 A
CE/FCC/CCC/UL/CB/KC/PSE/GS/GOST R/C-Tick/BSMI
174 [6.85]
32.50 [1.28]
134 [5.28]
255 [10.04]
59.50 [2.34]
Optional Accessories
Part Number
Description
96SDVR-8X-ST-LG-B2
Slim DVD-ROM
1700020710-02
USB cable with two ports. 25 cm,
for AIMB-214/213/212/223/224/273/272/270
1703100350
USB cable wih two ports. 34.5cm, for AIMB-274/203
1700018971
SATA HDD cable for AIMB-274/203
1700011772
SATA power cable for slim ODD for
AIMB-274/273/272/270/203 with AIMB-B2000-15ZE
1700021444-11
SATA power cable for slim ODD for
AIMB-214/213/223/224 with AIMB-B2000-00YE
1700021446-11
SATA power cable for slim ODD for AIMB-212 with
AIMB-B2000-00YE
1700022458-11
COM cable (1-4) for AIMB-203
1700000596-01
Power cable 3-pin 183cm, China type
170203180A
Power cable 3-pin 183cm, UK type
1702002600
Power cable 3-pin 183cm, USA type
1702002605-01
Power cable 3-pin 183cm, Europe type
1960060732N001
CPU cooler for AIMB-274/203/281



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com