Electronic Components Datasheet Search
  English  ▼

X  

1930000002 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # 1930000002
Description  Embedded Mini-ITX Chassis
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

1930000002 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  1930000002 Datasheet HTML 1Page - Advantech Co., Ltd. 1930000002 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
AIMB-B2242
Dimensions
Unit: mm [inch]
Ordering Information
Model Name
Part Number
Power Supply
Supported MB
Certification
EPC-B2000
AIMB-B2242H7-15ZE
ATX 150W
AIMB-242QG2-H7A1E
CE/FCC
Power Supply Options
Part Number
Watts
Input
Output
Safety
96PS-A150WFX-1
150 W
AC 100 ~ 240 V
+3.3 V @ 10 A, +5 A @ 13 A, +12 V @ 10 A,
+5 vsb @ 2 A, -12 V @ 0.3 A
CE/FCC/CCC/UL/CB/TUV
174 [6.85]
32.50 [1.28]
134 [5.28]
255 [10.04]
59.50 [2.34]
Packing List
Part Number
Description
AIMB-B2000-
15ZE
AIMB-B2000-
00YE
Quantity
1700018910
SATA Cable
2
2
1700021185-01
SATA Power Cable (2 Ports)
1
0
1700023417-01
Fan cable 3p to 4p
2
1
1960057977N000
HDD Holder FOR AIMB-B2000
1
1
1990015239T000
Rubber Damper on HDD
Holder
4
4
1990009411T000
Mylar 94X69 for HDD
2
2
1930004607
M3x4 Screws For HDD#1,#2
8
8
1930000002
M4x8 Screws For HDD Holder
4
4
1960014487T001
Wall Mount Bracket
2
2
1990012452S000
Rubber Foot
4
4
1930003238
M3x5 Screws For Rubber Foot/
Wall Mount bracket
4
4
1935020330
M2x3 Screws For Slim ODD
4
4
1939000361
M3x6 Screws For Main Board
4
4
2066B20000
CD for AIMB-B2000 User
Manual V1.00
1
1
2190000902
CARDBOARD-WARRANTY
REV. A2
1
1
Optional Accessories
Part Number
Description
96SDVR-8X-ST-HL-B
Slim DVD-ROM
1700023474-01
2 port USB cable, F10p/2.0, lock 10-pin(right-up), 345 mm
1700018971
SATA HDD cable for AIMB-226/231/281/203/274
1700011772
SATA power cable for slim ODD for
AIMB-274/273/272/270/203 with AIMB-B2000-15ZE
1700023646-01
SATA power cable for slim ODD for
AIMB-231/230/225/224/223/215/214/213 with AIMB-B2000-00YE
1700023647-01
SATA power cable for slim ODD for AIMB-212 with
AIMB-B2000-00YE
1700000596
Power cable 3-pin 183cm, China type
1702031801
Power cable 3-pin 183cm, UK type
1702002600
Power cable 3-pin 183cm, USA type
1702002605
Power cable 3-pin 183cm, Europe type



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com