Electronic Components Datasheet Search
  English  ▼

X  

TC4-14X Datasheet(PDF) 1 Page - Mini-Circuits

Part # TC4-14X
Description  RF Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TC4-14X Datasheet(HTML) 1 Page - Mini-Circuits

  TC4-14X Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 1
50
Ω
200 to 1400 MHz
RF Transformer
Surface Mount
CASE STYLE: AT1521
Maximum Ratings
Pin Connections
Features
• push-pull amplifiers
• impedance matching
PRIMARY DOT
6
PRIMARY
4
SECONDARY DOT
3
SECONDARY
1
SECONDARY CT
2
Applications
Operating Temperature
-20°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
0.25 W
DC Current
30 mA
REV. A
M151107
TC4-14TX+
IG/TD/CP/AM
151222
Typical Performance Data
Config. A
* Insertion Loss is referenced to mid-band loss, 0.6 dB typ.
TC4-14X+
• good return loss
• wideband, 200 to 1400 MHz
• plastic base with leads
• aqueous washable
Transformer Electrical Specifications
Ω
RATIO
(Secondary/Primary)
FREQUENCY
(MHz)
INSERTION LOSS*
3 dB
MHz
2 dB
MHz
1 dB
MHz
4
200-1400
200-1400
300-1300
800-1100
FREQUENCY
(MHz)
INSERTION
LOSS
(dB)
INPUT
R. LOSS
(dB)
200.00
1.33
6.74
210.00
1.26
6.88
300.00
1.22
8.07
550.00
0.92
9.54
800.00
0.88
10.68
950.00
0.82
13.05
1100.00
0.70
21.93
1300.00
1.53
10.04
1350.00
1.77
7.15
1400.00
2.77
5.05
INSERTION LOSS
0.0
1.0
2.0
3.0
4.0
5.0
200
400
600
800
1000
1200
1400
FREQUENCY (MHz)
INPUT RETURN LOSS
0
10
20
30
40
50
200
400
600
800
1000
1200
1400
FREQUENCY (MHz)
Permanent damage may occur if any of these limits are exceeded.
Outline Drawing AT1521
Outline Dimensions (
)
inch
mm
Outline Drawing AT1521
PCB Land Pattern
Suggested Layout,
Tolerance to be within±.002
Note:
1. Case Material Plastic
2. Termination Finish: Tin plate over Nickel plate.
3. Lead #1 identier shall be located in the
cross-hatched area shown, on bottom view.
Identier may be either a molded or marked feature.
4.Top-Hat total thickness: 0.13 inches max.
A
B
C
D
E
F
.150
.150
.160
.050
.040
.025
3.81
3.81
4.06
1.27
1.02
0.64
G
H
J
K
wt
.028
.065
.190
.030
grams
0.71
1.65
4.83
0.76
0.15
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Available Tape and
Reel
at no extra cost
Reel Size
Devices/Reel
7”
20, 50, 100, 200, 500
13”
1000, 2000
top hat
®


Similar Part No. - TC4-14X

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TC4-14 MINI-TC4-14 Datasheet
298Kb / 1P
RF Transformer
TC4-14+ MINI-TC4-14+ Datasheet
96Kb / 1P
Surface Mount RF Transformer
TC4-14+ MINI-TC4-14+ Datasheet
298Kb / 1P
RF Transformer
TC4-14G2 MINI-TC4-14G2 Datasheet
225Kb / 1P
RF Transformer
TC4-14G2+ MINI-TC4-14G2+ Datasheet
225Kb / 1P
RF Transformer
More results

Similar Description - TC4-14X

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TC4-1WG2 MINI-TC4-1WG2 Datasheet
114Kb / 1P
RF Transformer
TC133-282 MINI-TC133-282 Datasheet
262Kb / 2P
RF Transformer
logo
M/A-COM Technology Solu...
DS-MABA-007748-CT1160 MA-COM-DS-MABA-007748-CT1160 Datasheet
361Kb / 3P
RF Transformer
logo
XFMRS Inc.
XFWB3010 XFMRS-XFWB3010 Datasheet
40Kb / 1P
RF TRANSFORMER
logo
Pulse A Technitrol Comp...
CX2078NL PULSE-CX2078NL Datasheet
179Kb / 2P
RF TRANSFORMER
logo
XFMRS Inc.
XFWB-1-A XFMRS-XFWB-1-A_15 Datasheet
40Kb / 1P
RF TRANSFORMER
XFWB-4-1T XFMRS-XFWB-4-1T_15 Datasheet
39Kb / 1P
RF TRANSFORMER
XFWB3010 XFMRS-XFWB3010_15 Datasheet
40Kb / 1P
RF TRANSFORMER
XF458PT-1720 XFMRS-XF458PT-1720 Datasheet
37Kb / 1P
RF TRANSFORMER
XFWB1010 XFMRS-XFWB1010 Datasheet
38Kb / 1P
RF TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com