Electronic Components Datasheet Search
  English  ▼

X  

P10 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # P10
Description  3/8" Square Panel Potentiometer Miniature - Cermet - Fully Sealed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P10 Datasheet(HTML) 4 Page - Vishay Siliconix

  P10_17 Datasheet HTML 1Page - Vishay Siliconix P10_17 Datasheet HTML 2Page - Vishay Siliconix P10_17 Datasheet HTML 3Page - Vishay Siliconix P10_17 Datasheet HTML 4Page - Vishay Siliconix P10_17 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
P10
www.vishay.com
Vishay Sfernice
Revision: 04-Jul-17
4
Document Number: 51030
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION (part number)
P
1
0
X
X
A
G
103
K
B
30
MODEL
STYLE
SHAFT
RESISTANCE
CODE
TOLERANCE
CODE
PACKAGING
CODE
SPECIAL
NUMBER
P10
XC
XH
XW
XX
YE
YM
YP
AG = Ø 3 mm
to 16 mm
(old code D)
Al = Ø 3 mm
to 20 mm
(old code R)
From
100
Ω to 2 MΩ
103 = 10 k
Ω
K = 10 %
On request:
J = 5 %
B30 = box
100 pieces
(If applicable)
Given by Vishay
for custom design
PART NUMBER DESCRIPTION (for information only)
P10
XX
AG
10K
10 %
BO100
e3
MODEL
STYLE
SHAFT
VALUE
TOLERANCE
SPECIAL
PACKAGING
LEAD
(Pb)-FREE
RELATED DOCUMENTS
APPLICATION NOTES
Potentiometers and Trimmers
www.vishay.com/doc?51001
Guidelines for Vishay Sfernice Resistive and Inductive Components
www.vishay.com/doc?52029



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com