Electronic Components Datasheet Search
  English  ▼

X  

P10 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # P10
Description  3/8" Square Panel Potentiometer Miniature - Cermet - Fully Sealed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P10 Datasheet(HTML) 2 Page - Vishay Siliconix

  P10 Datasheet HTML 1Page - Vishay Siliconix P10 Datasheet HTML 2Page - Vishay Siliconix P10 Datasheet HTML 3Page - Vishay Siliconix P10 Datasheet HTML 4Page - Vishay Siliconix P10 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P10
www.vishay.com
Vishay Sfernice
Revision: 04-Jul-17
2
Document Number: 51030
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL SPECIFICATIONS
Resistive element
Cermet
Electrical travel
250° ± 15°
Standard resistance values
100
Ω to 2 MΩ
Tolerance
10 % - 5 % on request
Taper
Linear
A
Power rating
0.5 W at 70 °C
Circuit diagram
Standard resistance element data
Standard
Max. Power
Max. Working
Max. Cur.
WW
V
mA
100
0.5
7
70
200
0.5
10
50
500
0.5
15.8
32
1K
0.5
22.4
22
2K
0.5
31.8
16
5K
0.5
50.0
10
10K
0.5
70.7
7
20K
0.5
100
5
50K
0.5
158
3.2
100K
0.5
224
2.2
200K
0.28
250
1.3
500K
0.13
250
0.5
1M
0.06
250
0.25
2M
0.028
250
0.13
Temperature coefficient (typical)
± 150 ppm/°C
Contact resistance variation (typical)
1 % Rn or 2
Ω
End resistance (typical)
1
Ω
Dielectric strength (RMS)
1000 V
Insulation resistance (300 VDC)106 M
Ω
% CLOCKWISE SHAFT ROTATION
0
20
40
60
80
100
0
20
40
60
80
100
A
AMBIENT TEMPERATURE IN °C
0
20
40
60 70 80
100
120
140
0
0.5
a
(1)
b
(2)
c
(3)
cw



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com