Electronic Components Datasheet Search
  English  ▼

X  

P12 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # P12
Description  Fully Sealed Container Cermet Potentiometer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P12 Datasheet(HTML) 4 Page - Vishay Siliconix

  P12_17 Datasheet HTML 1Page - Vishay Siliconix P12_17 Datasheet HTML 2Page - Vishay Siliconix P12_17 Datasheet HTML 3Page - Vishay Siliconix P12_17 Datasheet HTML 4Page - Vishay Siliconix P12_17 Datasheet HTML 5Page - Vishay Siliconix P12_17 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
P12
www.vishay.com
Vishay Sfernice
Revision: 04-Jul-17
4
Document Number: 51033
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MARKING
• Vishay trademark
• Part number (including ohmic value and tolerance code)
• Manufacturing date
• Marking of terminals: 1 or a
PACKAGING
• For shafts AJ, EJ: In box of 15 pieces (code B1)
• For other shafts: In box of 25 pieces (code B2)
OPTIONS
SPECIAL FEATURES
Shafts
Lengths are measured from the mounting surface to the free end of shaft. Shaft slot is
aligned with the wiper within ± 10°. Special shafts are available, in accordance with
drawings supplied by customers. We recommend customers not to machine shafts, in
order to avoid damage. Bending or torsion of terminals should be avoided.
Shaft and panel sealing hardware
The type P12T with AB (old code M) or AJ (old code R) shaft can be provided with an
optional “DE” sealing hardware which ensures sealing of both the shaft and the
mounting panel. DE sealing hardware can be supplied in a separate bag.
Shaft locking
The shaft locking bushing is available only with P12O potentiometers. Torque applied
to locking nuts should not exceed 15 Ncm.
9 ± 0.1
11 ± 0.5
12 wrench
Shim washer
depending
on panel thickness
DE shaft and panel sealing hardware
Ø 3
Tolerance unless otherwise specified ± 0.5
Slot 0.6 x 1 deep
2 ± 0.2
12 ± 0.5
12.5
6.5
11
0.4
6.1 ± 0.2
0.8
Split bushing
thread M6 x 0.75
10 wrench
8 wrench
Ø 3
P12OL with spindle locking nut
12 ± 0.5
10.2 ± 0.5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com