Electronic Components Datasheet Search
  English  ▼

X  

RT230 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RT230
Description  Wirewound Rheostat / Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RT230 Datasheet(HTML) 1 Page - Vishay Siliconix

  RT230 Datasheet HTML 1Page - Vishay Siliconix RT230 Datasheet HTML 2Page - Vishay Siliconix RT230 Datasheet HTML 3Page - Vishay Siliconix RT230 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RT230
www.vishay.com
Vishay Sfernice
Revision: 24-Aug-16
1
Document Number: 50029
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound Rheostat / Potentiometer
FEATURES
• 250 W at 25 °C
• CCTU 05-03B (PA7)
• Vitreous style
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
(1) On request: sectorial winding
DIMENSIONS in millimeters
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
RESISTANCE
RANGE
TOLERANCE
± %
RATED POWER
P25 °C
W
VARIATION LAW
STANDARD (1)
LIMITING
ELEMENT VOLTAGE
V
DIELECTRIC
STRENGTH
VRMS
INSULATION
RESISTANCE
RT230
1 to 22K
10
250
Linear
1500
2000
103M (500 VCC)
RT230-PA7
PANEL CUT OUT DETAILS
50
Ø 12
2 holes Ø 5.5
83
60°
Screw M5
143 ± 3.5
- 0
- 0.05
10
75
50 ± 2
AS
60
15
Mounting side
CLIMATIC SPECIFICATIONS
Temperature range
-55 °C; +320 °C
Climatic category
CCTU 454
CEI 55 / 200 / 56
MECHANICAL SPECIFICATIONS
Mechanical protection
Vitreous
Mechanical travel
300° ± 5°
Operating torque
1 Ncm to 50 Ncm
End stop torque
200 Ncm
Unit weight
1300 g


Similar Part No. - RT230

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RT230 VISHAY-RT230 Datasheet
148Kb / 2P
Wirewound Rheostat/Potentiometer
22-Jun-05
RT230 VISHAY-RT230 Datasheet
120Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
logo
Marktech Corporate
RT230-20 MARKTECH-RT230-20 Datasheet
264Kb / 4P
RazerThin LEDs
RT230-20 MARKTECH-RT230-20_15 Datasheet
264Kb / 4P
LEDs
RT230-5 MARKTECH-RT230-5 Datasheet
257Kb / 4P
RazerThin LEDs
More results

Similar Description - RT230

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RT100 VISHAY-RT100 Datasheet
143Kb / 2P
Wirewound Rheostat/Potentiometer
27-Jun-02
RT12 VISHAY-RT12 Datasheet
122Kb / 2P
Wirewound Rheostat/Potentiometer
27-Jun-02
RT55 VISHAY-RT55 Datasheet
157Kb / 2P
Wirewound Rheostat/Potentiometer
27-Jun-02
RT12 VISHAY-RT12_08 Datasheet
109Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT25 VISHAY-RT25 Datasheet
118Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT230 VISHAY-RT230_08 Datasheet
120Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT500 VISHAY-RT500 Datasheet
95Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT12 VISHAY-RT12_16 Datasheet
97Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
RT55 VISHAY-RT55_16 Datasheet
98Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
RT500 VISHAY-RT500_16 Datasheet
94Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com