Electronic Components Datasheet Search
  English  ▼

X  

RFPIC12F675F Datasheet(PDF) 7 Page - Microchip Technology

Part # RFPIC12F675F
Description  20-Pin FLASH-Based 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFPIC12F675F Datasheet(HTML) 7 Page - Microchip Technology

Back Button RFPIC12F675F Datasheet HTML 3Page - Microchip Technology RFPIC12F675F Datasheet HTML 4Page - Microchip Technology RFPIC12F675F Datasheet HTML 5Page - Microchip Technology RFPIC12F675F Datasheet HTML 6Page - Microchip Technology RFPIC12F675F Datasheet HTML 7Page - Microchip Technology RFPIC12F675F Datasheet HTML 8Page - Microchip Technology RFPIC12F675F Datasheet HTML 9Page - Microchip Technology RFPIC12F675F Datasheet HTML 10Page - Microchip Technology RFPIC12F675F Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 136 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS70091A-page 5
rfPIC12F675
2.0
MEMORY ORGANIZATION
2.1
Program Memory Organization
The rfPIC12F675 devices have a 13-bit program
counter capable of addressing an 8K x 14 program
memory space. Only the first 1K x 14 (0000h - 03FFh)
for the rfPIC12F675 devices is physically implemented.
Accessing a location above these boundaries will
cause a wrap around within the first 1K x 14 space. The
RESET vector is at 0000h and the interrupt vector is at
0004h (see Figure 2-1).
FIGURE 2-1:
PROGRAM MEMORY MAP
AND STACK FOR THE
rfPIC12F675
2.2
Data Memory Organization
The data memory (see Figure 2-2) is partitioned into
two banks, which contain the General Purpose regis-
ters and the Special Function registers. The Special
Function registers are located in the first 32 locations of
each bank. Register locations 20h-5Fh are General
Purpose registers, implemented as static RAM and are
mapped across both banks. All other RAM is
unimplemented and returns ‘0’ when read. RP0
(STATUS<5>) is the bank select bit.
• RP0 = 0 Bank 0 is selected
• RP0 = 1 Bank 1 is selected
2.2.1
GENERAL PURPOSE REGISTER
FILE
The register file is organized as 64 x 8 in the
rfPIC12F675 devices. Each register is accessed, either
directly or indirectly, through the File Select Register
FSR (see Section 2.4).
PC<12:0>
13
000h
0004
0005
03FFh
0400h
1FFFh
Stack Level 1
Stack Level 8
RESET Vector
Interrupt Vector
On-chip Program
Memory
CALL, RETURN
RETFIE, RETLW
Stack Level 2
Note:
The IRP and RP1 bits STATUS<7:6> are
reserved and should always be maintained
as ‘0’s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com