Electronic Components Datasheet Search
  English  ▼

X  

CTCSE Datasheet(PDF) 3 Page - Central Technologies

Part # CTCSE
Description  Metal Alloy Current Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCSE Datasheet(HTML) 3 Page - Central Technologies

  CTCSE Datasheet HTML 1Page - Central Technologies CTCSE Datasheet HTML 2Page - Central Technologies CTCSE Datasheet HTML 3Page - Central Technologies CTCSE Datasheet HTML 4Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2014 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 02.14.17
www.ctparts.com
Metal Alloy Current Sensors
ELECTRICAL CHARACTERISTICS
Type
Rating Power
(W) Max.
Rating Current
(A) Max.
Overload
Current
(A) Max.
T.C.R
(ppm/°C)
Resistance Range (mΩ)
Operating Temperature
Range
Tolerance (±%)
±0.5%
±1%,±2%±5%
CTCSE0603
0.33
8.1
16.2
≤±50
-
5≤R≤75
-55~150°C
0.5
10.0
20.0
≤±50
-
5≤R≤10
CTCSE0805
0.5
15.8
31.6
≤±100
-
2≤R<3
≤±75
-
3≤R<5
≤±50
5≤R≤70
5≤R≤70
0.75
19.36
38.72
≤±100
-
2≤R<3
≤±75
-
3≤R<5
≤±50
5≤R≤70
5≤R≤10
CTCSE1206
0.5
11.2
22.4
≤±75
-
3≤R<4
≤±50
10≤R≤75
4≤R≤75
1
15.8
31.6
≤±75
-
3≤R<4
≤±50
10≤R≤75
4≤R≤75
CTCSE0508
1
22.3
44.6
≤±50
-
2≤R≤14
CTCSE0612
1
31.6
63.2
≤±125
-
1≤R<2
≤±50
10≤R≤16
2≤R≤16
I = P/R
Note: When ordering, please specify tolerance code. Tolerance: F =±1%, G= ±2%, J= ±5%, D= ±0.5%
Power Derating Curve: Operating Temperature Range: -55~+150 °C
For resistors operated in ambient temperatures 70°C, power rating shall be derated in accordance with the curve below:
Rating Current: The resistor shall have a DC continuous working current or a RMS (Root Mean Square) AC continuous working current at
commercial-line frequency and wave form corresponding to the power rating, as determined from the following:
Remark:I:RatingCurrent.(A),P:RatingPower.(W),R:Resistance.(Ω)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com