Electronic Components Datasheet Search
  English  ▼

X  

MB9AAA0N Datasheet(PDF) 96 Page - Cypress Semiconductor

Part # MB9AAA0N
Description  32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9AAA0N Datasheet(HTML) 96 Page - Cypress Semiconductor

Back Button MB9AAA0N Datasheet HTML 92Page - Cypress Semiconductor MB9AAA0N Datasheet HTML 93Page - Cypress Semiconductor MB9AAA0N Datasheet HTML 94Page - Cypress Semiconductor MB9AAA0N Datasheet HTML 95Page - Cypress Semiconductor MB9AAA0N Datasheet HTML 96Page - Cypress Semiconductor MB9AAA0N Datasheet HTML 97Page - Cypress Semiconductor MB9AAA0N Datasheet HTML 98Page - Cypress Semiconductor MB9AAA0N Datasheet HTML 99Page - Cypress Semiconductor MB9AAA0N Datasheet HTML 100Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 108 page
background image
Document Number: 002-05673 Rev.*C
Page 96 of 108
MB9AAA0N Series
Operation example of return from low power consumption mode (by internal resource reset*)
Internal
resource
reset
tRCNT
Internal reset
CPU
Operation
Start
Reset active
Release
*: Internal resource reset is not included in return factor by the kind of Low-Power consumption mode.
Notes:
−
The return factor is different in each Low-Power consumption modes.
See Chapter 6: Low Power Consumption Mode and Operations of Standby Modes in FM3 Family
Peripheral Manual.
−
When interrupt recoveries, the operation mode that CPU recoveries depend on the state before
the Low-Power consumption mode transition. See Chapter 6: Low Power Consumption Mode in
FM3 Family Peripheral Manual.
−
The time during the power-on reset/low-voltage detection reset is excluded. See (6) Power-on
Reset Timing in 4. AC Characteristics in Electrical Characteristics for the detail on the time during
the power-on reset/low-voltage detection reset.
−
When in recovery from reset, CPU changes to the High-speed CR Run mode. When using the
main clock or the PLL clock, it is necessary to add the main clock oscillation stabilization wait time
or the Main PLL clock stabilization wait time.
−
The internal resource reset means the watchdog reset and the CSV reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com