Electronic Components Datasheet Search
  English  ▼

X  

MB9B100A Datasheet(PDF) 81 Page - Cypress Semiconductor

Part # MB9B100A
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B100A Datasheet(HTML) 81 Page - Cypress Semiconductor

Back Button MB9B100A Datasheet HTML 77Page - Cypress Semiconductor MB9B100A Datasheet HTML 78Page - Cypress Semiconductor MB9B100A Datasheet HTML 79Page - Cypress Semiconductor MB9B100A Datasheet HTML 80Page - Cypress Semiconductor MB9B100A Datasheet HTML 81Page - Cypress Semiconductor MB9B100A Datasheet HTML 82Page - Cypress Semiconductor MB9B100A Datasheet HTML 83Page - Cypress Semiconductor MB9B100A Datasheet HTML 84Page - Cypress Semiconductor MB9B100A Datasheet HTML 85Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 109 page
background image
Document Number: 002-05605 Rev. *D
Page
81 of 109
MB9B100A Series
12.4.11
External input timing
(Vcc = 2.7V to 5.5V, Vss = 0V, TA = - 40
C to + 85C)
Parameter
Symbol
Pin name
Conditions
Value
Unit
Remarks
Min
Max
Input pulse
width
tINH
tINL
ADTG
-
2tCYCP *
-
ns
A/D converter trigger
input
FRCKx
Free-run timer input
clock
ICxx
Input capture
DTTIxX
-
2tCYCP *
-
ns
Wave form generator
INTxx,
NMIX
Except
Timer mode,
Stop mode
2tCYCP + 100 *
-
ns
External interrupt
NMI
Timer mode,
Stop mode
500
-
ns
*: tCYCP indicates the APB bus clock cycle time.
About the APB bus number which the A/D converter, Multi-function Timer, External interrupt are connected to,
see "Block Diagram" in this data sheet.
tINH
VILS
VIHS
VIHS
VILS
tINL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com