Electronic Components Datasheet Search
  English  ▼

X  

MB9B110R Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # MB9B110R
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B110R Datasheet(HTML) 1 Page - Cypress Semiconductor

  MB9B110R Datasheet HTML 1Page - Cypress Semiconductor MB9B110R Datasheet HTML 2Page - Cypress Semiconductor MB9B110R Datasheet HTML 3Page - Cypress Semiconductor MB9B110R Datasheet HTML 4Page - Cypress Semiconductor MB9B110R Datasheet HTML 5Page - Cypress Semiconductor MB9B110R Datasheet HTML 6Page - Cypress Semiconductor MB9B110R Datasheet HTML 7Page - Cypress Semiconductor MB9B110R Datasheet HTML 8Page - Cypress Semiconductor MB9B110R Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 117 page
background image
MB9B110R Series
32-bit Arm® Cortex®-M3
FM3 Microcontroller
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
Document Number: 002-05622 Rev. *D
•
408-943-2600
Revised February 9, 2018
The MB9B110R Series are a highly integrated 32-bit microcontrollers dedicated for embedded controllers with high-performance
and competitive cost. These series are based on the Arm Cortex-M3 Processor with on-chip Flash memory and SRAM, and has
peripheral functions such as Motor Control Timers, ADCs and Communication Interfaces (UART, CSIO, I2C, LIN). The products
which are described in this data sheet are placed into TYPE4 product categories in FM3 Family Peripheral Manual.
Features
32-bit Arm Cortex-M3 Core
Processor version: r2p1
Up to 144 MHz Frequency Operation
Memory Protection Unit (MPU): improves the reliability of an
embedded system
Integrated Nested Vectored Interrupt Controller (NVIC): 1
NMI (non-maskable interrupt) and 48 peripheral interrupts
and 16 priority levels
24-bit System timer (Sys Tick): System timer for OS task
management
On-chip Memories
[Flash memory]
These series are based on two independent on-chip Flash
memories.
MainFlash
Up to 512 Kbyte
Built-in Flash Accelerator System with 16 Kbyte trace buffer
memory
The read access to Flash memory can be achieved without
wait cycle up to operation frequency of 72 MHz. Even at the
operation frequency more than 72 MHz, an equivalent
access to Flash memory can be obtained by Flash
Accelerator System.
Security function for code protection
WorkFlash
32 Kbyte
Read cycle
4 wait-cycle: the operation frequency more than 72 MHz
2 wait-cycle: the operation frequency more than 40 MHz, and
to 72 MHz
0wait-cycle: the operation frequency to 40 MHz
Security function is shared with code protection
[SRAM]
This Series contain a total of up to 64 Kbyte on-chip SRAM.
This is composed of two independent SRAM (SRAM0,
SRAM1). SRAM0 is connected to I-code bus and D-code bus
of Cortex-M3 core. SRAM1 is connected to System bus.
SRAM0: Up to 32 Kbyte
SRAM1: Up to 32 Kbyte
External Bus Interface
Supports SRAM, NOR and NAND Flash device
Up to 8 chip selects
8-/16-bit Data width
Up to 25-bit Address bit
Maximum area size: Up to 256 Mbytes
Supports Address/Data multiplex
Supports external RDY input
Multi-function Serial Interface (Max eight channels)
4 channels with 16 steps×9-bit FIFO (ch.4-ch.7), 4 channels
without FIFO (ch.0-ch.3)
Operation mode is selectable from the followings for each
channel.
UART
CSIO
LIN
I2C
UART
Full-duplex double buffer
Selection with or without parity supported
Built-in dedicated baud rate generator
External clock available as a serial clock
Hardware Flow control: Automatically control the
transmission by CTS/RTS (only ch.4)
Various error detect functions available (parity errors,
framing errors, and overrun errors)
CSIO
Full-duplex double buffer
Built-in dedicated baud rate generator
Overrun error detect function available
LIN
LIN protocol Rev.2.1 supported
Full-duplex double buffer
Master/Slave mode supported
LIN break field generate (can be changed 13 to 16-bit
length)
LIN break delimiter generate (can be changed 1 to 4-bit
length)
Various error detect functions available (parity errors,
framing errors, and overrun errors)
I2C
Standard-mode (Max 100 kbps) / Fast-mode (Max 400 kbps)
supported


Similar Part No. - MB9B110R

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB9B110R SPANSION-MB9B110R Datasheet
2Mb / 121P
This document states the current technical specifications regarding
More results

Similar Description - MB9B110R

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB9A110A CYPRESS-MB9A110A Datasheet
4Mb / 112P
32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9A120L CYPRESS-MB9A120L Datasheet
1Mb / 90P
32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9A310K CYPRESS-MB9A310K Datasheet
1Mb / 87P
32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9A340NB CYPRESS-MB9A340NB Datasheet
2Mb / 126P
32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9AA40NB CYPRESS-MB9AA40NB Datasheet
2Mb / 131P
32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9B110T CYPRESS-MB9B110T Datasheet
3Mb / 133P
32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9B120J CYPRESS-MB9B120J Datasheet
947Kb / 77P
32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9B410R CYPRESS-MB9B410R Datasheet
1Mb / 112P
32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
MB9B510T CYPRESS-MB9B510T Datasheet
4Mb / 126P
32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9BD10T CYPRESS-MB9BD10T Datasheet
4Mb / 134P
32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com