Electronic Components Datasheet Search
  English  ▼

X  

ES5AC Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # ES5AC
Description  Super-Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

ES5AC Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  ES5AC Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited ES5AC Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited ES5AC Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited ES5AC Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Super-Fast Rectifiers
ES5AC--ES5DC
SMC104AA
www.gmesemi.com
Rev.B
Production specification
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Parameter
Symbol
Test
conditions
Typ.
Max.
Units
Maximum instantaneous
forward voltage
VF
IF=5.0A
@TA=25°C
--
0.95
V
Maximum Reverse current
IR
Rated VR
@TA=25°C
--
5
μ A
@TA=100°C
--
100
Maximum Reverse Recovery
Time
trr
IF=0.5A,IRM=1A,IR(REC)=0.25A
--
35
ns



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com