Electronic Components Datasheet Search
  English  ▼

X  

TJ232 Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

Part # TJ232
Description  Interface transceiver of RS-232 standard with one supply voltage
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ232 Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  TJ232 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ232 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ232 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ232 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ232 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ232 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ232 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ232 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ232 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Interface transceiver of RS-232 standard with one supply voltage
TJ232
OCT. 2015_Preliminary
- 4 -
HTC
PIN CONFIGURATION
08
01
04
02
03
07
05
06
09
16
13
15
14
10
12
11
C1+
V+
C1-
C2+
C2-
V-
T2OUT
R2IN
VCC
GND
T1OUT
R1IN
R1OUT
T1IN
T2IN
R2OUT
TJ232ED
PIN DESCRIPTION
Pin No.
Symbol
Pin name
1
C1+
Output of external capacitance of positive voltage multiplier unit
2
V+
Output of positive voltage of multiplier unit
3
C1
Output of external capacitance of positive voltage multiplier unit
4
C2+
Output of external capacitance of negative voltage multiplier unit
5
C2-
Output of external capacitance of negative voltage multiplier unit
6
V-
Output of negative voltage of multiplier unit
7
T2OUT
Output of transmitter data (levels RS-232)
8
R2IN
Input of receiver data (levels RS-232)
9
R2OUT
Output of receiver data (levels TTL/CMOS)
10
T2IN
Input of transmitter data (levels TTL/CMOS)
11
T1IN
Input of transmitter data (levels TTL/CMOS)
12
R1OUT
Output of receiver data (levels TTL/CMOS)
13
R1IN
Input of receiver data (levels RS-232)
14
T1OUT
Output of transmitter data (levels RS-232)
15
GND
Common output
16
VCC
Supply output of voltage source



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com