Electronic Components Datasheet Search
  English  ▼

X  

TMS37134 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS37134
Description  Entry Transponder IC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS37134 Datasheet(HTML) 1 Page - Texas Instruments

  TMS37134 Datasheet HTML 1Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R AD IO F REQ U E N CY I DE N T IFIC AT I O N S YS TE MS
Entry Transponder IC
TMS37134
The Entry Transponder (ET) IC combines the proven TI DST+
transponder with a sophisticated power management; it has an
SPI interface to connect it to an external micro-controller, ideally
suited for Remote Keyless Entry applications for automotive.
Base station
in the car
Identification
device
LF
UHF
Texas Instruments reserves the right to change its products and services at any time without notice. TI provides customer assistance in various
technical areas, but does not have full access to data concerning the uses and applications of customers products. Therefore, TI assumes no
responsibility for customer product design or for infringement of patents and/or the rights of third parties, which may result from assistance
provided by TI.
© Copyright 2002 Texas Instruments Incorporated.
Data Sheet: 11-07-22-007 11/03
UHF
receiver
LF Trans-
ceiver
Control
Unit
µC
The embedded DST+ transponder offers a high level of security
through its encryption, mutual authentication and after-theft
diagnosis features; it operates without battery. The power
management
features
battery
charge
and
battery
check
functions, which can be used for charging of the battery through
the transponder LF field.
Specifications:
Part Number
TMS 37134
Features
Immobilizer plus power management
Immobilizer compatible to DST+ (E9WK )
Battery Check / Charge function
Supply Voltage
1.8 … 3.6 V
Current consumption
100µA (max.) @3V
Transponder
Transmission Principle
HDX (Half Duplex), FDX ( Full Duplex using amplitude Modulation)
Operating Frequency
134.2 kHz
Modulation Downlink (to the TRP)
100% AM, Bit Coding PWM or PPM
Security
TI Challenge/Response, Mutual Authentication, Secure Issuer Access Mode
Encryption, Mutual Authentication, Issuer Key
Each 40 bit
Encryption response (signature)
24 bit
Modulation Downlink (to the TRP)
100% AM, Bit Coding PWM or PPM
Datarate Downlink
PWM: typ. 1,3kBit / PPM: typ. 2kBit
EEPROM Memory
127Byte (lockable) for User data, 25Byte for Encryption Keys, serial#,
fi
ti
Read Time for an Encryption
< 120 ms
Activation Field Strength
137.5dBµA/m
Operating Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
Package
20 Pin TSSOP PW
For more information, contact the sales office or distributor nearest you. This contact information can be found
on our web site at:
http://www.ti-rfid.com


Similar Part No. - TMS37134

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS37122 TI-TMS37122 Datasheet
1Mb / 73P
TIRIS Automotive Devices Analog Front End IC TMS37122
TMS37126 TI1-TMS37126 Datasheet
490Kb / 10P
REMOTE ACCESS IDENTIFICATION DEVICEWITH INTEGRATED 3D WAKEUP RECEIVER AND IMMOBILIZER INTERFACE
TMS37126D3XDBTRG4 TI1-TMS37126D3XDBTRG4 Datasheet
490Kb / 10P
REMOTE ACCESS IDENTIFICATION DEVICEWITH INTEGRATED 3D WAKEUP RECEIVER AND IMMOBILIZER INTERFACE
TMS37145 TI1-TMS37145 Datasheet
104Kb / 5P
DIGITAL SIGNATURE TRANSPONDER WITH INTEGRATED DST80 AUTHENTICATION, EEPROM, AND LF IMMOBILIZER
TMS37145TEAIE TI1-TMS37145TEAIE Datasheet
104Kb / 5P
DIGITAL SIGNATURE TRANSPONDER WITH INTEGRATED DST80 AUTHENTICATION, EEPROM, AND LF IMMOBILIZER
More results

Similar Description - TMS37134

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS37C136 TI-TMS37C136 Datasheet
59Kb / 1P
Controller Entry Transponder IC
TMS3705 TI-TMS3705 Datasheet
494Kb / 23P
TRANSPONDER BASE STATION IC
logo
NXP Semiconductors
HTMS8201FTK NXP-HTMS8201FTK Datasheet
438Kb / 57P
HITAG transponder IC
Rev. 3.3-17 October 2014
logo
Texas Instruments
TMS3705 TI1-TMS3705_16 Datasheet
960Kb / 30P
Transponder Base Station IC
logo
NXP Semiconductors
HTSICH56 NXP-HTSICH56 Datasheet
252Kb / 21P
HITAG S transponder IC
Rev. 3.1-11 December 2014
logo
Texas Instruments
TMS3705 TI1-TMS3705_18 Datasheet
960Kb / 28P
Transponder Base Station IC
logo
NXP Semiconductors
PCF7946AT PHILIPS-PCF7946AT Datasheet
19Kb / 1P
Security Transponder plus Remote Keyless Entry
June 1999
HT1X NXP-HT1X Datasheet
132Kb / 9P
HITAG 1 transponder IC
Rev. 3.1-10 December 2014
HT2X NXP-HT2X Datasheet
122Kb / 9P
HITAG 2 transponder IC
Rev. 3.1-3 November 2014
HITAG NXP-HITAG Datasheet
781Kb / 44P
ISO 18000 transponder IC
Rev. 3.0 - 18 March 2010
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com