Electronic Components Datasheet Search
  English  ▼

X  

BC846AW Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BC846AW
Description  NPN SMALL SIGNAL TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC846AW Datasheet(HTML) 3 Page - Diodes Incorporated

  BC846AW Datasheet HTML 1Page - Diodes Incorporated BC846AW Datasheet HTML 2Page - Diodes Incorporated BC846AW Datasheet HTML 3Page - Diodes Incorporated BC846AW Datasheet HTML 4Page - Diodes Incorporated BC846AW Datasheet HTML 5Page - Diodes Incorporated BC846AW Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BC846AW
– BC848CW
Document Number: DS30250 Rev. 14 - 2
3 of 6
www.diodes.com
April 2017
© Diodes Incorporated
BC846AW-BC848CW
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BC846
BVCBO
80
—
—
V
IC = 100µA
BC847
50
BC848
30
Collector-Emitter Breakdown Voltage (Note 8)
BC846
BVCEO
65
—
—
V
IC = 10mA
BC847
45
BC848
30
Emitter-Base Breakdown Voltage
BC846, BC847
BVEBO
6
—
—
V
IE = 100µA
BC848
5
DC Current Gain (Note 8)
Current Gain Group
A
hFE
110
180
220
—
VCE = 5.0V, IC = 2.0mA
B
200
290
450
C
420
520
800
Collector Cutoff Current
ICBO
—
—
20
nA
VCB = 30V
5
µA
VCB = 30V, TA = +150°C
Collector-Emitter Saturation Voltage (Note 8)
VCE(sat)
—
90
250
mV
IC = 10mA, IB = 0.5mA
200
600
IC = 100mA, IB = 5.0mA
Base-Emitter Turn-On Voltage (Note 8)
VBE(on)
580
660
700
mV
IC = 2mA, VCE = 5V
—
—
770
IC = 10mA, VCE = 5V
Base-Emitter Saturation Voltage (Note 8)
VBE(sat)
—
700
—
mV
IC = 10mA, IB = 0.5mA
900
IC = 100mA, IB = 5mA
Output Capacitance
Cobo
—
3
4.5
pF
VCB = 10V, f = 1.0MHz
Transition Frequency
fT
100
300
—
MHz
VCE = 5V, IC = 10mA,
f = 100MHz
Noise Figure
NF
—
—
10
dB
VCE = 5V, IC = 200µA
RS = 2kΩ, f = 1kHz
∆f = 200Hz
Note:
8
. Measured under pulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com