Electronic Components Datasheet Search
  English  ▼

X  

BC847BVC Datasheet(PDF) 4 Page - Diodes Incorporated

Part # BC847BVC
Description  NPN DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847BVC Datasheet(HTML) 4 Page - Diodes Incorporated

  BC847BVC Datasheet HTML 1Page - Diodes Incorporated BC847BVC Datasheet HTML 2Page - Diodes Incorporated BC847BVC Datasheet HTML 3Page - Diodes Incorporated BC847BVC Datasheet HTML 4Page - Diodes Incorporated BC847BVC Datasheet HTML 5Page - Diodes Incorporated BC847BVC Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BC847BVC
Document number: DS30638 Rev. 6 - 2
4 of 6
www.diodes.com
April 2017
© Diodes Incorporated
BC847BVC
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
1
10
100
1,000
10
100
1,000
1
I , COLLECTOR CURRENT (mA)
Fig. 2 Typical DC Current Gain vs. Collector Current
C
T = 25 C
A
°
T = -50 C
A
°
T = 150 C
A
°
1
0.1
10
100
1,000
I , COLLECTOR CURRENT (mA)
Fig. 3 Typical Collector Emitter Saturation Voltage
vs. Collector Current
C
T = 25癈
A
T = -50癈
A
T = 150癈
A
0
0.1
0.2
0.3
0.4
IC
IB
= 20
1
100
10
1,000
1
10
100
I , COLLECTOR CURRENT (mA)
Fig. 4 Typical Gain-Bandwidth Product vs. Collector Current
C
V
= 5V
CE
VCE = 5.0V
TA= -50°C
TA= 25°C
TA= 150°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com