Electronic Components Datasheet Search
  English  ▼

X  

DMTH6009LPS Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMTH6009LPS
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH6009LPS Datasheet(HTML) 4 Page - Diodes Incorporated

  DMTH6009LPS Datasheet HTML 1Page - Diodes Incorporated DMTH6009LPS Datasheet HTML 2Page - Diodes Incorporated DMTH6009LPS Datasheet HTML 3Page - Diodes Incorporated DMTH6009LPS Datasheet HTML 4Page - Diodes Incorporated DMTH6009LPS Datasheet HTML 5Page - Diodes Incorporated DMTH6009LPS Datasheet HTML 6Page - Diodes Incorporated DMTH6009LPS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMTH6009LPS
Document number: DS38368 Rev.2 - 2
4 of 7
www.diodes.com
April 2016
© Diodes Incorporated
DMTH6009LPS
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
0.018
-50
-25
0
25
50
75
100 125 150 175
V
= 4.5V
GS
I
= 15A
D
V
= 10V
GS
I = 20A
D
T , JUNCTION TEMPERATURE ( C)
J
Figure 7 On-Resistance Variation with Temperature
0
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100 125
150 175
I = 1mA
D
I = 250µA
D
T , JUNCTION TEMPERATURE ( C)
J
Figure 8 Gate Threshold Variation vs. Ambient Temperature
0
5
10
15
20
25
30
0
0.3
0.6
0.9
1.2
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 9 Diode Forward Voltage vs. Current
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
T = 175°C
A
10
100
1000
10000
0
5
10
15
20
25
30
C iss
Coss
Crss
f=1MHz
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 10 Typical Junction Capacitance
0
2
4
6
8
10
0
7
14
21
28
35
V
= 30V
DS
I
= 13.5A
D
Q , TOTAL GATE CHARGE (nC)
g
Figure 11 Gate Charge
0.01
0.1
1
10
100
1000
0.1
1
10
100
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W
P
= 10µs
W
R DS(on)
Limited
T
= 175°C
J (m ax )
T
= 25°C
C
V
= 10V
GS
Single Pulse
DUT on 1 Infinite Heatsink
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 12 SOA, Safe Operation Area



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com