Electronic Components Datasheet Search
  English  ▼

X  

TPC8210 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPC8210
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8210 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPC8210 Datasheet HTML 1Page - Toshiba Semiconductor TPC8210 Datasheet HTML 2Page - Toshiba Semiconductor TPC8210 Datasheet HTML 3Page - Toshiba Semiconductor TPC8210 Datasheet HTML 4Page - Toshiba Semiconductor TPC8210 Datasheet HTML 5Page - Toshiba Semiconductor TPC8210 Datasheet HTML 6Page - Toshiba Semiconductor TPC8210 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TPC8210
2003-02-18
3
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
—
―
±10
µA
Drain cut−OFF current
IDSS
VDS = 30 V, VGS = 0 V
―
―
10
µA
V (BR) DSS
ID = 10 mA, VGS = 0 V
30
―
―
Drain−source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = -20 V
15
¾
¾
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
1.3
―
2.5
V
RDS (ON)
VGS = 4.5 V, ID = 4 A
¾
13
20
Drain−source ON resistance
RDS (ON)
VGS = 10 V, ID = 4 A
―
11
15
mΩ
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 4 A
6.5
13
―
S
Input capacitance
Ciss
―
3530
―
Reverse transfer capacitance
Crss
―
495
―
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
―
580
―
pF
Rise time
tr
―
26
―
Turn−ON time
ton
―
39
―
Fall time
tf
―
32
―
Switching time
Turn−OFF time
toff
Duty <= 1%, tw = 10 ms
―
115
―
ns
Total gate charge (Gate−source
plus gate−drain)
Qg
―
75
―
Gate−source charge
Qgs
―
6
―
Gate−drain (“miller”) charge
Qgd
VDD ≈ 24 V, VGS = 10 V, ID = 8 A
―
19
―
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse
current
Pulse (Note 1)
IDRP
—
—
—
32
A
Forward voltage (diode)
VDSF
IDR = 8 A, VGS = 0 V
—
—
−1.2
V
VDD ~- 15 V
0 V
VGS
10 V
ID = 4 A
VOUT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com