Electronic Components Datasheet Search
  English  ▼

X  

TPC8211 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPC8211
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8211 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPC8211 Datasheet HTML 1Page - Toshiba Semiconductor TPC8211 Datasheet HTML 2Page - Toshiba Semiconductor TPC8211 Datasheet HTML 3Page - Toshiba Semiconductor TPC8211 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TPC8211
2003-02-18
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U−MOS III)
TPC8211
Lithium Ion Battery Applications
Portable Equipment Applications
Notebook PC Applications
l Low drain−source ON resistance: RDS (ON) = 25 mΩ (typ.)
l High forward transfer admittance: |Yfs| = 7.0 S (typ.)
l Low leakage current: IDSS = 10 µA (max) (VDS = 30 V)
l Enhancement−mode: Vth = 1.3 to 2.5 V (VDS = 10 V, ID = 1 mA)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
30
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
30
V
Gate-source voltage
VGSS
±20
V
D C
(Note 1)
ID
5.5
Drain current
Pulse
(Note 1)
IDP
22
A
Single-device
operation
(Note 3a)
PD (1)
1.5
Drain power
dissipation
(t = 10 s)
(Note 2a)
Single-device value
at dual operation
(Note 3b)
PD(2)
1.1
W
Single-device
operation
(Note 3a)
PD (1)
0.75
Drain power
dissipation
(t = 10 s)
(Note 2b)
Single-device value
at dual operation
(Note 3b)
PD (2)
0.45
W
Single pulse avalanche energy
(Note 4)
EAS
39.3
mJ
Avalanche current
IAR
5.5
A
Repetitive avalanche energy
Single-device value at dual operation
(Note 2a, 3b, 5)
EAR
0.1
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: For (Note 1), (Note 2), (Note 3), (Note 4) and (Note 5), please
refer to the next page.
This transistor is an electrostatic sensitive device. Please handle with caution.
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-6J1E
Weight: 0.08 g (typ.)
Circuit Configuration
8
7
6
5
1
2
3
4


Similar Part No. - TPC8211

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8211 TOSHIBA-TPC8211 Datasheet
276Kb / 7P
Lithium Ion Battery Applications Portable Equipment Applications Notebook PC Applications
TPC8211 TOSHIBA-TPC8211_07 Datasheet
276Kb / 7P
Lithium Ion Battery Applications Portable Equipment Applications Notebook PC Applications
More results

Similar Description - TPC8211

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8110 TOSHIBA-TPC8110 Datasheet
406Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPC8210 TOSHIBA-TPC8210 Datasheet
229Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
18-Feb-2003
TPCP8402 TOSHIBA-TPCP8402 Datasheet
162Kb / 6P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
26-Sep-2003
TPC8014 TOSHIBA-TPC8014 Datasheet
213Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
06-Jul-2004
TPCF8001 TOSHIBA-TPCF8001 Datasheet
242Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
TPCF8102 TOSHIBA-TPCF8102_07 Datasheet
212Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8201 TOSHIBA-TPCF8201_07 Datasheet
232Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
16-Jan-2007
TPCF8301 TOSHIBA-TPCF8301_07 Datasheet
196Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
16-Nov-2006
TPCP8201 TOSHIBA-TPCP8201_07 Datasheet
250Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
16-Jan-2007
SSM3K15AFU TOSHIBA-SSM3K15AFU Datasheet
236Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com