Electronic Components Datasheet Search
  English  ▼

X  

TPS54873PWPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54873PWPR
Description  4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54873PWPR Datasheet(HTML) 4 Page - Texas Instruments

  TPS54873PWPR Datasheet HTML 1Page - Texas Instruments TPS54873PWPR Datasheet HTML 2Page - Texas Instruments TPS54873PWPR Datasheet HTML 3Page - Texas Instruments TPS54873PWPR Datasheet HTML 4Page - Texas Instruments TPS54873PWPR Datasheet HTML 5Page - Texas Instruments TPS54873PWPR Datasheet HTML 6Page - Texas Instruments TPS54873PWPR Datasheet HTML 7Page - Texas Instruments TPS54873PWPR Datasheet HTML 8Page - Texas Instruments TPS54873PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TPS54873
SLVS444A − OCTOBER 2002 − REVISED FEBRUARY 2005
www.ti.com
4
ELECTRICAL CHARACTERISTICS (continued)
TJ = −40°C to 125°C, VI = 3 V to 6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ERROR AMPLIFIER
Error amplifier open loop voltage gain
1 kΩ COMP to AGND(1)
90
110
dB
Error amplifier unity gain bandwidth
Parallel 10 kΩ, 160 pF COMP to AGND(1)
3
5
MHz
Error amplifier common mode input voltage range
Powered by internal LDO(1)
0
VBIAS
V
Input bias current, VSENSE
VSENSE = Vref
60
250
nA
Output voltage slew rate (symmetric), COMP
1.0
1.4
V/µs
PWM COMPARATOR
PWM comparator propagation delay time,
PWM comparator input to PH pin (excluding
deadtime)
10-mV overdrive(1)
70
85
ns
SLOW-START/ENABLE
Enable threshold voltage, SS/ENA
0.82
1.20
1.40
V
Enable hysteresis voltage, SS/ENA
0.03
V
Falling edge deglitch, SS/ENA(1)
2.5
µs
Internal slow-start time
2.6
3.35
4.1
ms
Charge current, SS/ENA
SS/ENA = 0 V
3
5
8
µA
Discharge current, SS/ENA
SS/ENA = 1.3 V, VI = 1.5 V
2.0
2.3
4.0
mA
POWER GOOD
Power good threshold voltage
VSENSE falling
90
%Vref
Power good hysteresis voltage(1)
3
%Vref
Power good falling edge deglitch(1)
35
µs
Output saturation voltage, PWRGD
I(sink) = 2.5 mA
0.18
0.3
V
Leakage current, PWRGD
VI = 5.5 V
1
µA
CURRENT LIMIT
Current limit trip point
VI = 4.5 V Output shorted(1)
9
10
A
Current limit trip point
VI = 6 V Output shorted(1)
11
12
A
Current limit leading edge blanking time
100
ns
Current limit total response time
200
ns
THERMAL SHUTDOWN
Thermal shutdown trip point(1)
135
150
165
°C
Thermal shutdown hysteresis(1)
10
°C
OUTPUT POWER MOSFETS
r
Power MOSFET switches
VI = 6 V(4)
26
47
mΩ
rDS(on)
Power MOSFET switches
VI = 4.5 V(4)
30
60
mΩ
(1) Specified by design
(2) Static resistive loads only
(3) Specified by the circuit used in Figure 9
(4) Matched MOSFETs low-side rDS(on) production tested, high-side rDS(on) specified by design



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com