Electronic Components Datasheet Search
  English  ▼

X  

TBC Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # TBC
Description  In-Vehicle NVR w/4 PoE Ports Intel Atom E3825
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TBC Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  TBC Datasheet HTML 1Page - Advantech Co., Ltd. TBC Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
ARK-2121V
ARK-2121V-S3A1E External I/O Mechanical Layout/Drawing
Front Panel
Rear Panel
Front Panel
Rear Panel
ARK-2121V-S9A1E External I/O Mechanical Layout/Drawing
Packing List
Part Number
Description
-
1 x ARK-2121 Unit
-
1 x Driver/Utility CD/Manual
-
1 x User Manual (Simplified Chinese)
1652000049
3-pole phoenix power block 3.81mm
1750001782
1 x GPS antenna Active with 5M SMA cable
1652003235
10-Pin DIO plug in block
Embedded OS
Part Number
Description
TBC
WES8 OS image
TBC
WES7 OS image
*Default BIOS is supported for 64-bit OS installation, BIOS 32-bit OS is supported by project
Ordering Information
Part Number
Intel CPU
RAM 2.5"
Drive mSATA Display GbE PoE
USB
DIO Optional COM or
CANBus
RS-232/
422/485 MiniPCIe
SIM
Holder
Power
Input
Operating
Temperature
ARK-2121V-S3A1E Intel Atom E3825 DC
1.33 GHz
Up to
8GB
1
1
1 x HDMI
1 x VGA
2
N/A
3 x USB2.0
1 x USB3.0
6Di
2Do
2 x RS-232/422/485 or
2 x CANBus 2.oA.B
2
4 x Full Size 2
9 ~ 36 VDC
-30 ~ 70° C
ARK-2121V-S9A1E Intel Atom E3845 QC
1.91 GHz
4
N/A
-30 ~ 60° C
Optional Items
Part Number
Description
TBC
AC-to-DC Adapter with Phoenix Power Plug, 0 ~ 40° C
for Home and Office Use
1700001524
Power Cable 3-pin 180cm, USA type
170203183C
Power Cable 3-pin 183cm, Europe type
170203180A
Power Cable 3-pin 183cm, UK type
AMK-V004E
VESA mounting kit
AMK-R004E
DIN-rail mounting kit
Dimensions
Unit: mm
264.50
252.50
238.20
Ø8.0
Ø3.8
69.2
LINE-OUT
DC INPUT
Optional IO 1
RS-232/422/485
MIC
LINE-IN
SSD LED
ON/OFF
PWR LED
VGA
USB 3.0
HDMI
LAN1
LAN2
Digital IO
SSD
RESET
Optional IO 2
USB 2.0
POE
LINE-OUT
DC INPUT
Digital IO
MIC
LINE-IN
ON/OFF
SSD LED
PWR LED
VGA
USB 3.0
HDMI
LAN1
LAN2
SSD
RESET
Optional I/O
USB 2.0
DIN Rail
VESA mount
Wall mount



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com