Electronic Components Datasheet Search
  English  ▼

X  

SP4 Datasheet(PDF) 1 Page - Lumberg

Part # SP4
Description  Direct connectors with screw clamps, for insert cards, pitch 5.0 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

SP4 Datasheet(HTML) 1 Page - Lumberg

  SP4 Datasheet HTML 1Page - Lumberg SP4 Datasheet HTML 2Page - Lumberg SP4 Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
52 SP 4
01/2018
1
Direct connectors with screw clamps, for insert cards, pitch 5.0 mm
Keying insert for socket boards with screw terminals 5 RS
and 5 RS FK
State: Phasing out
of 3


Similar Part No. - SP4

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SP4 COOPER-SP4 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Grayhill, Inc
SP4 GRAYHILL-SP4 Datasheet
871Kb / 6P
Miniature Toggle Switches
logo
SOVICO corp.
SP4-13A SOVICO-SP4-13A Datasheet
635Kb / 1P
SPEAKER CABLE
logo
Nais(Matsushita Electri...
SP4-DC12V NAIS-SP4-DC12V Datasheet
193Kb / 6P
15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
logo
Panasonic Semiconductor
SP4-DC12V PANASONIC-SP4-DC12V Datasheet
111Kb / 6P
2c 15A, 4c 10A polarized power relays
More results

Similar Description - SP4

ManufacturerPart #DatasheetDescription
logo
Lumberg
2.5RF LUMBERG-2.5RF Datasheet
572Kb / 4P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5RFL LUMBERG-2.5RFL Datasheet
623Kb / 4P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.54RFL LUMBERG-2.54RFL_18 Datasheet
428Kb / 4P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.54UFL LUMBERG-2.54UFL_18 Datasheet
404Kb / 4P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5.08UF LUMBERG-5.08UF Datasheet
455Kb / 3P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5.08UFL LUMBERG-5.08UFL Datasheet
475Kb / 3P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5RFL LUMBERG-5RFL Datasheet
413Kb / 3P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5RS LUMBERG-5RS Datasheet
535Kb / 3P
Direct connectors with screw clamps, for insert cards, pitch 5.0 mm
8514A02 LUMBERG-8514A02 Datasheet
162Kb / 3P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5RSFK LUMBERG-5RSFK Datasheet
448Kb / 3P
Direct connectors with screw clamps, for insert cards, pitch 5.0 mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com