Electronic Components Datasheet Search
  English  ▼

X  

ADC10064CIWM Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10064CIWM
Description  10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10064CIWM Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC10064CIWM Datasheet HTML 1Page - National Semiconductor (TI) ADC10064CIWM Datasheet HTML 2Page - National Semiconductor (TI) ADC10064CIWM Datasheet HTML 3Page - National Semiconductor (TI) ADC10064CIWM Datasheet HTML 4Page - National Semiconductor (TI) ADC10064CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC10064CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC10064CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC10064CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC10064CIWM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DC Electrical Characteristics (Continued)
The following specifications apply for V
+ = +5V, V
REF(+) =5V VREF(−) = GND, and Speed Adjust pin unconnected unless other-
wise specified. Boldface limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = +25˚C.
Symbol
Parameter
Conditions
Typical
(Note 7)
Limit
(Note 8)
Units
(Limit)
I
IN(1)
Logical “1” Input Current
V
IN(1) = 5V
0.005
3.0
µA (max)
I
IN(0)
Logical “0” Input Current
V
IN(0) 0V
−0.005
−3.0
µA (max)
V
OUT(1)
Logical “1” Output Voltage
V
+ = 4.5V, I
OUT = −360 µA
V
+ = 4.5V, I
OUT = −10 µA
2.4
4.25
V (min)
V (min)
V
OUT(0)
Logical “0” Output Voltage
V
+ = 4.5V, I
OUT = 1.6 mA
0.4
V (max)
I
OUT
TRI-STATE® Output Current
V
OUT =5V
V
OUT =0V
0.1
−0.1
50
−50
µA (max)
µA (max)
DI
CC
DV
CC Supply Current
CS = S/H = RD = 0, R
SA = ∞
CS=S/H=RD=0, R
SA =18 kΩ
1.0
1.0
2
mA (max)
mA (max)
AI
CC
AV
CC Supply Current
CS = S/H = RD = 0, R
SA = ∞
CS=S/H=RD=0, R
SA =18 kΩ
30
30
45
mA (max)
mA (max)
AC Electrical Characteristics
The following specifications apply for V
+ = +5V, t
r =tf = 20 ns, VREF(+) = 5V, VREF(−) = GND, and Speed Adjust pin uncon-
nected unless otherwise specified. Boldface limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = +25˚C.
Symbol
Parameter
Conditions
Typical
(Note 7)
Limit
(Note 8)
Units
(Limit)
t
CONV
Mode 1 Conversion Time from Rising
Edge of S/H to Falling Edge of INT
R
SA = ∞
R
SA = 18k
600
375
750/900
ns(max)
ns
t
CRD
Mode 2 Conversion Time
R
SA = ∞
Mode 2, R
SA = 18k
850
530
1400
ns(max)
ns
t
ACC1
Access Time (Delay from Falling
Edge of RD to Output Valid)
Mode 1; C
L = 100 pF
30
60
ns (max)
t
ACC2
Access Time (Delay from Falling
Edge of RD to Output Valid)
Mode 2; C
L = 100 pF
900
t
CRD +50
ns (max)
t
SH
Minimum Sample Time
(
Figure 1); (Note 8)
250
ns (max)
t
1H,t0H
TRI-STATE Control (Delay from
Rising Edge of RD to High-Z State)
R
L = 1k, CL =10 pF
30
60
ns (max)
t
INTH
Delay from Rising Edge of RD to
Rising Edge of INT
C
L = 100 pF
25
50
ns (max)
t
P
Delay from End of Conversion to Next
Conversion
50
ns (max)
t
MS
Multiplexer Control Setup Time
10
75
ns (max)
t
MH
Multiplexer Hold Time
10
40
ns (max)
C
VIN
Analog Input Capacitance
35
pF (max)
C
OUT
Logic Output Capacitance
5
pF (max)
C
IN
Logic Input Capacitance
5
pF (max)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional. These ratings do not guarantee specific performance limits, however. For guaranteed specifications and test conditions, see the Electrical Characteristics.
The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the
listed test conditons.
Note 2: All voltages are measured with respect to GND, unless otherwise specified.
Note 3: When the input voltage (VIN) at any pin exceeds the power supply rails (VIN < GND or VIN > V
+) the absolute value of current at that pin should be limited
to 5 mA or less. The 20 mA package input current limits the number of pins that can safely exceed the power supplies with an input current of 5 mA to four.
Note 4: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA and the ambient temperature, TA. The maximum
allowable power dissipation at any temperature is PD =(TJMAX −TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower. In most cases,
the maximum derated power dissipation will be reached only during fault conditions. For these devices, TJMAX for a board-mounted device can be found from the
tables below:
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com