Electronic Components Datasheet Search
  English  ▼

X  

MB9B460L Datasheet(PDF) 59 Page - Cypress Semiconductor

Part # MB9B460L
Description  32-Bit Arm짰 Cortex짰-M4F FM4 Microcontroller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B460L Datasheet(HTML) 59 Page - Cypress Semiconductor

Back Button MB9B460L Datasheet HTML 55Page - Cypress Semiconductor MB9B460L Datasheet HTML 56Page - Cypress Semiconductor MB9B460L Datasheet HTML 57Page - Cypress Semiconductor MB9B460L Datasheet HTML 58Page - Cypress Semiconductor MB9B460L Datasheet HTML 59Page - Cypress Semiconductor MB9B460L Datasheet HTML 60Page - Cypress Semiconductor MB9B460L Datasheet HTML 61Page - Cypress Semiconductor MB9B460L Datasheet HTML 62Page - Cypress Semiconductor MB9B460L Datasheet HTML 63Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 122 page
background image
Document Number: 002-04926 Rev.*B
Page 59 of 122
MB9B460L Series
Parameter
Symbol
Pin
Name
Conditions
Frequency*
4
Value
Unit
Remarks
Typ*
1
Max*
2
Power
supply
current
ICCS
VCC
Sleep
operation
(built-in
high-speed CR)
4 MHz
1.3
27
mA
*3
When all peripheral
clocks are ON
0.91
27
mA
*3
When all peripheral
clocks are OFF
Sleep
operation
(sub oscillation)
32 kHz
0.49
27
mA
*3
When all peripheral
clocks are ON
0.48
27
mA
*3
When all peripheral
clocks are OFF
Sleep
operation
(built-in
low-speed CR)
100 kHz
0.51
27
mA
*3
When all peripheral
clocks are ON
0.49
27
mA
*3
When all peripheral
clocks are OFF
*1: TA=+25 °C, VCC=3.3 V
*2: Tj=+125 °C, VCC=5.5 V
*3: When all ports are input and are fixed at "0".
*4: Frequency is a value of HCLK. PCLK0=PCLK1=PCLK2=HCLK/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com