Electronic Components Datasheet Search
  English  ▼

X  

MB91F467BA Datasheet(PDF) 51 Page - Cypress Semiconductor

Part # MB91F467BA
Description  32-bit Microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467BA Datasheet(HTML) 51 Page - Cypress Semiconductor

Back Button MB91F467BA Datasheet HTML 47Page - Cypress Semiconductor MB91F467BA Datasheet HTML 48Page - Cypress Semiconductor MB91F467BA Datasheet HTML 49Page - Cypress Semiconductor MB91F467BA Datasheet HTML 50Page - Cypress Semiconductor MB91F467BA Datasheet HTML 51Page - Cypress Semiconductor MB91F467BA Datasheet HTML 52Page - Cypress Semiconductor MB91F467BA Datasheet HTML 53Page - Cypress Semiconductor MB91F467BA Datasheet HTML 54Page - Cypress Semiconductor MB91F467BA Datasheet HTML 55Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 127 page
background image
MB91460B Series
Document Number: 002-04608 Rev. *A
Page 50 of 126
9.5
Poweron Sequence in Parallel Programming Mode
The flash memory can be accessed in programming mode after a certain wait time, which is needed for Security Vector fetch:
■ Minimum wait time after VDD5/VDD5R power on: 2.76 ms
■ Minimum wait time after INITX rising: 1.0 ms
9.6
Flash Security
9.6.1
Vector Addresses
Two Flash Security Vectors (FSV1, FSV2) are located parallel to the Boot Security Vectors (BSV1, BSV2) controlling the protection
functions of the Flash Security Module:
FSV1: 0x14:8000
BSV1: 0x14:8004
FSV2: 0x14:8008
BSV2: 0x14:800C
9.6.2
Security Vector FSV1
The setting of the Flash Security Vector FSV1 is responsible for the read and write protection modes and the individual
write protection of the 8 KBytes sectors.
9.6.2.1 FSV1 (bit31 to bit16)
The setting of the Flash Security Vector FSV1 bits [31:16] is responsible for the read and write protection modes.
Table 2. Explanation of the bits in the Flash Security Vector FSV1[31:16]
FSV1[31:19]
FSV1[18]
Write Protection
Level
FSV1[17]
Write Protection
FSV1[16]
Read Protection
Flash Security Mode
set all to ‘0’
set to ‘0’
set to ‘0’
set to ‘1’
Read Protection (all device modes, except INTVEC
mode MD[2:0]=”000”)
set all to ‘0’
set to ‘0’
set to ‘1’
set to ‘0’
Write Protection (all device modes, without
exception)
set all to ‘0’
set to ‘0’
set to ‘1’
set to ‘1’
Read Protection (all device modes, except INTVEC
mode MD[2:0]=”000”) and Write Protection
(all device modes)
set all to ‘0’
set to ‘1’
set to ‘0’
set to ‘1’
Read Protection (all device modes, except INTVEC
mode MD[2:0]=”000”)
set all to ‘0’
set to ‘1’
set to ‘1’
set to ‘0’
Write Protection (all device modes, except INTVEC
mode MD[2:0]=”000”)
set all to ‘0’
set to ‘1’
set to ‘1’
set to ‘1’
Read Protection (all device modes, except INTVEC
mode MD[2:0]=”000”) and Write Protection
(all device modes except INTVEC mode
MD[2:0]=”000”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com