Electronic Components Datasheet Search
  English  ▼

X  

MB91F467BA Datasheet(PDF) 117 Page - Cypress Semiconductor

Part # MB91F467BA
Description  32-bit Microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467BA Datasheet(HTML) 117 Page - Cypress Semiconductor

Back Button MB91F467BA Datasheet HTML 113Page - Cypress Semiconductor MB91F467BA Datasheet HTML 114Page - Cypress Semiconductor MB91F467BA Datasheet HTML 115Page - Cypress Semiconductor MB91F467BA Datasheet HTML 116Page - Cypress Semiconductor MB91F467BA Datasheet HTML 117Page - Cypress Semiconductor MB91F467BA Datasheet HTML 118Page - Cypress Semiconductor MB91F467BA Datasheet HTML 119Page - Cypress Semiconductor MB91F467BA Datasheet HTML 120Page - Cypress Semiconductor MB91F467BA Datasheet HTML 121Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 127 page
background image
MB91460B Series
Document Number: 002-04608 Rev. *A
Page 116 of 126
15.7.7 External Bus AC Timings at VDD35  3.0 to 5.5 V
Note: This chapter is applicable to MB91F467BA/F466BA
■ Conditions during AC measurements
All AC tests were measured under the following conditions:
❐ -IOdrive  5 mA
❐ -VDD35  4.5 V to 5.5 V, Iload  3 mA
❐ -VSS5  0 V
❐ -Ta   40 C to  125 C
❐ -Cl  50 pF
❐ -VOL  0.5 × VDD35
❐ -VOH = 0.5 × VDD35
❐ -EPILR  0, PILR  1 (Automotive Level  worst case)
15.7.7.1
Basic Timing
(VDD35  3.0 V to 5.5 V, Vss5  AVss5  0 V, TA  40 C to  125 C)
Note: tCLKT is the cycle time of the external bus clock.
Parameter
Symbol
Pin name
Value
Unit
Min
Max
SYSCLK
tCLCH
SYSCLK
1/2 x tCLKT - 1
1/2 × tCLKT + 9
ns
tCHCL
1/2 × tCLKT - 9
1/2 × tCLKT + 1
ns
SYSCLK ↓ to CSXn delay time
tCLCSL
SYSCLK
CSXn
-8
ns
tCLCSH
-12
ns
SYSCLK ↑ to CSXn delay time (Addr → CS delay)
tCHCSL
- 6
+ 1
ns
SYSCLK ↓ to Address valid delay time
tCLAV
SYSCLK
A21 to A0
-13
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com