Electronic Components Datasheet Search
  English  ▼

X  

MB91F467BA Datasheet(PDF) 125 Page - Cypress Semiconductor

Part # MB91F467BA
Description  32-bit Microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467BA Datasheet(HTML) 125 Page - Cypress Semiconductor

Back Button MB91F467BA Datasheet HTML 119Page - Cypress Semiconductor MB91F467BA Datasheet HTML 120Page - Cypress Semiconductor MB91F467BA Datasheet HTML 121Page - Cypress Semiconductor MB91F467BA Datasheet HTML 122Page - Cypress Semiconductor MB91F467BA Datasheet HTML 123Page - Cypress Semiconductor MB91F467BA Datasheet HTML 124Page - Cypress Semiconductor MB91F467BA Datasheet HTML 125Page - Cypress Semiconductor MB91F467BA Datasheet HTML 126Page - Cypress Semiconductor MB91F467BA Datasheet HTML 127Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 125 / 127 page
background image
MB91460B Series
Document Number: 002-04608 Rev. *A
Page 124 of 126
18. Revision History
Spansion Publication Number: DS07-16609-1E
19. Main Changes in this Edition
NOTE: Please see “Document History” for later revised information.
Version
Date
Remark
2.0
2008-06-19
Initial version
2.1
2008-08-15
Proof reading results from FJ incorporated;
Corrected pinout drawings;
IO CIRCUIT TYPES: corrected some typos like on the other datasheets;
HANDLING DEVICES: updated the section "Notes on PS register" for better understanding;
Interrupt Vector Table: corrected the footnotes
FLASH: added note about the operation mode switching capability in Boot ROM; corrected flash
security vector FSV2 assignments, corrected section about parallel programming,
corrected section pin connections in parallel programming mode so that there is only one page
added section "Poweron Sequence in parallel programming mode";
ELECTRICAL CHARACTERISTICS: removed the note that analog input/output pins cannot ac-
cept +B signal input; splitted ILV into external and internal LV detection current
ADC Characteristics: Corrected the items about nonlinearity error;
Corrected the company name
3.0
2009-01-09
Page 1: Corrected document name field in top header
Block Diagram: Removed SCK0 (LIN-USART0 is asynchronous only)
Added Ta=125C characteristics
Page
Section
Change Results
104
15. Electrical Characteristics
15.4. A/D converter characteristics
Corrected the column “Value” and “Unit” of the parameter “Zero reading voltage”
and “Full scale reading voltage”.
(Value :
AVRL - 1.5 → AVRL - 1.5 LSB
AVRL + 0.5 → AVRL + 0.5 LSB
AVRL + 2.5 → AVRL + 2.5 LSB
AVRH - 3.5 → AVRH - 3.5 LSB
AVRH - 1.5 → AVRH - 1.5 LSB
AVRH + 0.5 → AVRH + 0.5 LSB
Unit : LSB → V )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com