Electronic Components Datasheet Search
  English  ▼

X  

AD5246EVAL Datasheet(PDF) 9 Page - Analog Devices

Part # AD5246EVAL
Description  128-Position I2C Compatible Digital Resistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5246EVAL Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5246EVAL Datasheet HTML 5Page - Analog Devices AD5246EVAL Datasheet HTML 6Page - Analog Devices AD5246EVAL Datasheet HTML 7Page - Analog Devices AD5246EVAL Datasheet HTML 8Page - Analog Devices AD5246EVAL Datasheet HTML 9Page - Analog Devices AD5246EVAL Datasheet HTML 10Page - Analog Devices AD5246EVAL Datasheet HTML 11Page - Analog Devices AD5246EVAL Datasheet HTML 12Page - Analog Devices AD5246EVAL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD5246
10k
–6
–12
–18
–24
–30
–36
0
–42
–54
100k
1M
10M
–60
5k
Ω
1k
–48
50k
Ω
10k
Ω
100k
Ω
FREQUENCY (Hz)
Figure 14. –3 dB Bandwidth @ Code = 0x80
FREQUENCY (Hz)
1k
0.25
0.20
0.15
0.30
0.10
0.05
10k
100k
1M
0
C
TA = 25°C
A - VDD = 5.5V
CODE = 0x55
B - VDD = 5.5V
CODE = 0x7F
C - VDD = 2.7V
CODE = 0x55
D - VDD = 2.7V
CODE = 0x7F
D
B
A
Figure 15. IDD vs. Frequency
VBIAS (V)
360
300
240
180
120
60
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = 25°C
RAB = 50kΩ
CODE = 0x00
VDD = 2.7V
VDD = 5.5V
Figure 16. RWB vs. VBIAS vs. VDD
VDD = 5.5V
VB = 0V
VW
CLK
TA = 25°C
RAB = 10kΩ
FCLK = 100kHz
5V
0V
1
µs/DIV
Figure 17. Digital Feedthrough
VDD = 5.5V
VB = 0V
CODE 0x40 to 0x3F
TA = 25°C
RAB = 10kΩ
VW
200ns/DIV
Figure 18. Midscale Glitch, Code 0x40 to 0x3F
VDD = 5.5V
VB = 0V
CODE 00H TO 7FH
VW 1
TA = 25°C
RAB = 10kΩ
IW = 50µA
40
µs/DIV
Figure 19. Large Signal Settling Time
Rev. 0 | Page 9 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com