Electronic Components Datasheet Search
  English  ▼

X  

MB91F583MG Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # MB91F583MG
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F583MG Datasheet(HTML) 3 Page - Cypress Semiconductor

  MB91F583MG Datasheet HTML 1Page - Cypress Semiconductor MB91F583MG Datasheet HTML 2Page - Cypress Semiconductor MB91F583MG Datasheet HTML 3Page - Cypress Semiconductor MB91F583MG Datasheet HTML 4Page - Cypress Semiconductor MB91F583MG Datasheet HTML 5Page - Cypress Semiconductor MB91F583MG Datasheet HTML 6Page - Cypress Semiconductor MB91F583MG Datasheet HTML 7Page - Cypress Semiconductor MB91F583MG Datasheet HTML 8Page - Cypress Semiconductor MB91F583MG Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 2 of 175
MB91580M/S Series
 DMA controller
Up to 8 channels can be started simultaneously.
2 transfer factors (Internal peripheral request and
software)
 External interrupt input
MB91F583AM/F584AM/F585AM: 8 channels
MB91F583AS/F584AS/F585AS: 7 channels
Level ("H" / "L") or edge detection (rising or falling)
enabled
 Multi-function serial communication (built-in
transmission/reception FIFO memory)
MB91F583AM/F584AM/F585AM: 4 channels
MB91F583AS/F584AS/F585AS: 2 channels
UART (Asynchronous serial interface)
•
Full-duplex double buffering system, 64-byte
transmission FIFO memory, 64-byte reception
FIFO memory
•
Parity or no parity is selectable.
•
Built-in dedicated baud rate generator
•
An external clock can be used as the transfer
clock
•
Parity, frame, and overrun error detection
functions provided
•
DMA transfer supported
CSIO (Synchronous serial interface)
•
Full-duplex double buffering system, 64-byte
transmission FIFO memory, 64-byte reception
FIFO memory
•
SPI supported; master and slave systems
supported; 5 to 16, 20, 24, 32-bit data length
can be set.
•
Built-in dedicated baud rate generator (Master
operation)
•
An external clock can be entered. (Slave
operation)
•
Overrun error detection function is provided.
•
Built-in chip selection function
•
DMA transfer supported
LIN interface (v2.1)
•
Full-duplex double buffering system, 64-byte
transmission FIFO memory, 64-byte reception
FIFO memory
•
LIN protocol revision2.1 supported.
•
Master and slave systems supported
•
Framing error and overrun error detection
•
LIN sync break generation and detection; LIN
sync delimiter generation
•
Built-in dedicated baud rate generator
•
An external clock can be adjusted by the
reload counter.
•
DMA transfer supported
I
2C
•
MB91F583AM/F584AM/F585AM: Supported
for 3 channels: ch.0,ch.2,and ch.3
MB91F583AS/F584AS/F585AS: Supported for
1 channel: ch.0
•
Full-duplex double buffering system, 64-byte
transmission FIFO memory, 64-byte reception
FIFO memory
•
Standard mode (Max. 100 kbps) / high-speed
mode (Max. 400 kbps) supported
•
DMA transfer supported (for transmission only)
 CAN controller (CAN)
MB91F583AM/F584AM/F585AM:
2 channels
MB91F583AS/F584AS/F585AS:
1 channel
Transfer speed: Up to 1Mbps
64-transmission/reception message buffering
 FlexRay controller
MB91F583AMG/F584AMG/F585AMG/F583AMJ/F584A
MJ/F585AMJ/
F583ASG/F584ASG/F585ASG/F583ASJ/F584ASJ/F58
5ASJ: 1 unit (ch.A/ch.B)
FlexRay Specifications Version 2.1 supported
Up to 128 message buffers
8K bytes of message RAM
Variable length of message buffers
Each message buffer can be allocated as a part
of reception buffer, transmission buffer or
reception FIFO memory
Host access to the message buffer via input and
output buffers
Filtering for slot counter, cycle counter and
channels
Maskable interrupts are supported
 PPG: 16 bits
× 6 channels
 Reload timer: 16 bits
× 4 channels
 A/D converter (successive approximation type)
12-bit resolution
MB91F583AM/F584AM/F585AM: 3
units
(23
channels)
MB91F583AS/F584AS/F585AS:
3
units (17 channels)
Conversion time: 1
µs
 Free-run timer
16 bits
× 6 channels (1 channel can be selected for
input capture, and 1 channel for output compare.)
 Input capture: 16 bits
× 4 channels (linked to the
free-run timer)
 Output compare: 16 bits
× 7 channels (linked to the
free-run timer)
 Waveform generator: 2 units (7 channels)
 10-bit D/A converter: 1 channel
 Calibration: The hardware watchdog for CR
oscillation drive
The CR oscillation frequency can be trimmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com