Electronic Components Datasheet Search
  English  ▼

X  

MB91F583MH Datasheet(PDF) 79 Page - Cypress Semiconductor

Part # MB91F583MH
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F583MH Datasheet(HTML) 79 Page - Cypress Semiconductor

Back Button MB91F583MH Datasheet HTML 75Page - Cypress Semiconductor MB91F583MH Datasheet HTML 76Page - Cypress Semiconductor MB91F583MH Datasheet HTML 77Page - Cypress Semiconductor MB91F583MH Datasheet HTML 78Page - Cypress Semiconductor MB91F583MH Datasheet HTML 79Page - Cypress Semiconductor MB91F583MH Datasheet HTML 80Page - Cypress Semiconductor MB91F583MH Datasheet HTML 81Page - Cypress Semiconductor MB91F583MH Datasheet HTML 82Page - Cypress Semiconductor MB91F583MH Datasheet HTML 83Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 78 of 175
MB91580M/S Series
Address
Address offset value/Register name
Block
+0
+1
+2
+3
00D600H
|
00D6FCH
RDDSn[1-64][R] W
00000000 00000000 00000000 00000000
FlexRay
OBF
*5
00D700H
RDHS1[R] W
--000000 -0000000 -----000 00000000
00D704H
RDHS2[R] W
-0000000 -0000000 -----000 00000000
00D708H
RDHS3[R] W
--000000 --000000 -----000 00000000
00D70CH
MBS[R] W
--000000 --000000 00-00000 00000000
00D710H
OBCM[R/W] W
-------- ------00 -------- ------00
00D714H
OBCR[R/W] W
-------- -0000000 0-----00 -0000000
00D718H
|
00D7FCH
-
Reserved
00D800H
|
00EFFCH
-
Reserved
00F000H
|
00FEFCH
-
Reserved [S]
00FF00H
DSUCR[R/W] B,H,W
-------- -------0
-
-
OCDU [S]
00FF04H
|
00FF0CH
-
-
-
-
Reserved [S]
00FF10H
PCSR[R/W] B,H,W
XXXXXXXX XXXXXXXX XXXXXXXX XXXXXXXX
OCDU [S]
00FF14H
PSSR[R/W] B,H,W
XXXXXXXX XXXXXXXX XXXXXXXX XXXXXXXX
00FF18H
|
00FFF4H
-
-
-
-
Reserved [S]
00FFF8H
EDIR1[R] B,H,W
XXXXXXXX XXXXXXXX XXXXXXXX XXXXXXXX
OCDU [S]
00FFFCH
EDIR0[R] B,H,W
XXXXXXXX XXXXXXXX XXXXXXXX XXXXXXXX
[S]:
It is a system register. The illegal instruction exception (data access error) is generated when reading and
writing to these registers in the user mode.
*5:
For FlexRay, the MB91F583AMG/F584AMG/F585AMG/F583AMJ/F584AMJ/F585AMJ has corresponding
functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com