Electronic Components Datasheet Search
  English  ▼

X  

MB91F583MH Datasheet(PDF) 121 Page - Cypress Semiconductor

Part # MB91F583MH
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F583MH Datasheet(HTML) 121 Page - Cypress Semiconductor

Back Button MB91F583MH Datasheet HTML 117Page - Cypress Semiconductor MB91F583MH Datasheet HTML 118Page - Cypress Semiconductor MB91F583MH Datasheet HTML 119Page - Cypress Semiconductor MB91F583MH Datasheet HTML 120Page - Cypress Semiconductor MB91F583MH Datasheet HTML 121Page - Cypress Semiconductor MB91F583MH Datasheet HTML 122Page - Cypress Semiconductor MB91F583MH Datasheet HTML 123Page - Cypress Semiconductor MB91F583MH Datasheet HTML 124Page - Cypress Semiconductor MB91F583MH Datasheet HTML 125Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 120 of 175
MB91580M/S Series
 MB91F583AS/F584AS/F585AS
Interrupt factor
Interrupt number
Inter
rupt
level
Offset
TBR default
address
RN
*1
Interrupt
request
batch read
target
Decimal
Hexa
decimal
Reset
0
00
-
3FCH
000FFFFCH
-
-
System reserved
1
01
-
3F8H
000FFFF8H
-
-
System reserved
2
02
-
3F4H
000FFFF4H
-
-
System reserved
3
03
-
3F0H
000FFFF0H
-
-
System reserved
4
04
-
3ECH
000FFFECH
-
-
FPU exception
5
05
-
3E8H
000FFFE8H
-
-
Instruction access protection violation
exception
6
06
-
3E4H
000FFFE4H
-
-
Data access protection violation exception
7
07
-
3E0H
000FFFE0H
-
-
Data access error interrupts
8
08
-
3DCH
000FFFDCH
-
-
INTE instruction
9
09
-
3D8H
000FFFD8H
-
-
Instruction break
10
0A
-
3D4H
000FFFD4H
-
-
System reserved
11
0B
-
3D0H
000FFFD0H
-
-
System reserved
12
0C
-
3CCH
000FFFCCH
-
-
System reserved
13
0D
-
3C8H
000FFFC8H
-
-
Exception of invalid instruction
14
0E
-
3C4H
000FFFC4H
-
-
NMI request
Error generation at internal bus diagnosis
RAM double-bit error
Backup RAM double-bit error
15
0F
15(FH
)
Fixed
3C0H
000FFFC0H
-
External interrupt 0-6
16
10
ICR0
0
3BCH
000FFFBCH
0
-
Reload timer 0 / 1
17
11
ICR0
1
3B8H
000FFFB8H
1
Reload timer 2 / 3
18
12
ICR0
2
3B4H
000FFFB4H
2
Multifunction serial interface ch.0 (reception
completed)/
Multifunction serial interface ch.0
(status)
19
13
ICR0
3
3B0H
000FFFB0H
3
*2
Multifunction serial interface ch.0
(transmission completed)
20
14
ICR0
4
3ACH
000FFFACH
4
-
Multifunction serial interface ch.1 (reception
completed)/
Multifunction serial interface ch.1
(status)
21
15
ICR0
5
3A8H
000FFFA8H
5
*2
Multifunction serial interface ch.1
(transmission completed)
22
16
ICR0
6
3A4H
000FFFA4H
6
-
*4
23
17
ICR0
7
3A0H
000FFFA0H
-
-
*4
24
18
ICR0
8
39CH
000FFF9CH
-
-
*4
25
19
ICR0
9
398H
000FFF98H
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com