Electronic Components Datasheet Search
  English  ▼

X  

MB91F583MH Datasheet(PDF) 171 Page - Cypress Semiconductor

Part # MB91F583MH
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F583MH Datasheet(HTML) 171 Page - Cypress Semiconductor

Back Button MB91F583MH Datasheet HTML 167Page - Cypress Semiconductor MB91F583MH Datasheet HTML 168Page - Cypress Semiconductor MB91F583MH Datasheet HTML 169Page - Cypress Semiconductor MB91F583MH Datasheet HTML 170Page - Cypress Semiconductor MB91F583MH Datasheet HTML 171Page - Cypress Semiconductor MB91F583MH Datasheet HTML 172Page - Cypress Semiconductor MB91F583MH Datasheet HTML 173Page - Cypress Semiconductor MB91F583MH Datasheet HTML 174Page - Cypress Semiconductor MB91F583MH Datasheet HTML 175Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 170 of 175
MB91580M/S Series
14. Package Dimensions
100-pin plastic LQFP
Lead pitch
0.50 mm
Package width ×
package length
14.0 mm × 14.0 mm
Lead shape
Gullwing
Sealing method
Plastic mold
Mounting height
1.70 mm Max
Weight
0.65 g
Code
(Reference)
P-LFQFP100-14×14-0.50
100-pin plastic LQFP
(FPT-100P-M20)
(FPT-100P-M20)
C
2005 -2010 FUJITSU SEMICONDUCTOR LIMITED F100031S-c-3-5
16.00±0.20(.630±.008)SQ
1
25
26
51
76
50
75
100
0.50(.020)
0.20 ±0.05
(.008 ±.002)
M
0.08(.003)
0.145±0.055
(.006 ±.002)
0.08(.003)
"A"
INDEX
.059 –.004
+.008
–0.10
+0.20
1.50
(Mounting height)
0°~8°
0.50 ±0.20
(.020 ±.008 )
(.024 ±.006)
0.60 ±0.15
0.25(.010)
0.10 ±0.10
(.004 ±.004)
Details of "A" part
(Stand off)
*14.00±0.10(.551±.004)SQ
Dimensions in mm (inches).
Note: The values in parentheses are reference values
Note 1) * : These dimensions do not include resin protrusion.
Note 2) Pins width and pins thickness include plating thickness.
Note 3) Pins width do not include tie bar cutting remainder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com