Electronic Components Datasheet Search
  English  ▼

X  

CGO869 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # CGO869
Description  870 MHz optical receiver with integrated gain control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CGO869 Datasheet(HTML) 2 Page - NXP Semiconductors

  CGO869 Datasheet HTML 1Page - NXP Semiconductors CGO869 Datasheet HTML 2Page - NXP Semiconductors CGO869 Datasheet HTML 3Page - NXP Semiconductors CGO869 Datasheet HTML 4Page - NXP Semiconductors CGO869 Datasheet HTML 5Page - NXP Semiconductors CGO869 Datasheet HTML 6Page - NXP Semiconductors CGO869 Datasheet HTML 7Page - NXP Semiconductors CGO869 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2003 Oct 22
2
Philips Semiconductors
Product specification
870 MHz optical receiver
with integrated gain control
CGO869
FEATURES
• Excellent linearity
• Extremely low noise up to 870 MHz
• Excellent flatness (straight line)
• Standard CATV outline
• Rugged construction
• Gold metallization ensures excellent reliability.
APPLICATIONS
• CATV systems operating in the 40 to 870 MHz
frequency range.
DESCRIPTION
Hybrid high dynamic range optical receiver amplifier
module in a SOT115AD package where the non-jacketed
fibre has no connector. Two of the module pins are for
connection to 24 V (DC), one for amplifier supply voltage
and the other for the photodiode bias.
The module contains a monomode optical input suitable
for wavelengths from 1290 to 1600 nm, a terminal to
monitor the photodiode current and an electrical output
with an impedance of 75
Ω. The gain of the amplifier can
be adjusted with one module pin.
PINNING
PIN
DESCRIPTION
1
monitor current
2, 3
common
4+VB of the photo diode
5+VB of the amplifier
6VC (gain control)
7, 8
common
9
output
7
8
9
2
3
46
5
1
Side view
MBL299
Fig.1 Simplified outline CGO869 (SOT115AD).
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
f
frequency range
40
870
MHz
s22
output return losses
f = 40 to 870 MHz
16
−
dB
optical input return losses
40
−
dB
d2
second order distortion
f = 854.5 MHz
−−61
dB
F
equivalent input noise
f = 40 MHz
−
5
pA/
√Hz
Itot
total current consumption (DC)
VB = 24 V
175
205
mA
CAUTION
This product is supplied in anti-static packing to prevent damage caused by electrostatic discharge during transport
and handling. For further information, refer to Philips specs.: SNW-EQ-608, SNW-FQ-302A and SNW-FQ-302B.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com