Electronic Components Datasheet Search
  English  ▼

X  

PE44072 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44072
Description  N FEMALE, PANEL MOUNT, SOLDER/CLAMP ATTACHMENT FOR RG402, PE-SR402AL & PE-SR402FL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44072 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44072 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE44072

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4407 PASTERNACK-PE4407 Datasheet
228Kb / 3P
SMA Male Right Angle Connector Clamp - Solder Attachment For RG188-DS, RG316-DS
PE44070 PASTERNACK-PE44070 Datasheet
105Kb / 1P
N FEMALE PANEL MOUNT CLAMP ATTACHMENT FOR RG174 RG188& RG316
PE44071 PASTERNACK-PE44071 Datasheet
126Kb / 1P
N FEMALE, PANEL MOUNT, SOLDER/CLAMP ATTACHMENT FOR RG401, PE-SR401AL & PE-SR401FL
PE44073 PASTERNACK-PE44073 Datasheet
105Kb / 1P
N FEMALE, PANEL MOUNT, SOLDER/CLAMP ATTACHMENT FOR RG405, PE-SR405AL & PE-SR405FL
PE44074 PASTERNACK-PE44074 Datasheet
203Kb / 2P
N Female Press In Connector Solder Attachment Pin Terminal, .500 inch Diameter
More results

Similar Description - PE44072

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4138 PASTERNACK-PE4138 Datasheet
105Kb / 1P
N FEMALE SOLDER/CLAMP ATTACHMENT FOR RG402 PE-SR402AL & PE-SR402FL
PE4145 PASTERNACK-PE4145 Datasheet
105Kb / 1P
TNC FEMALE SOLDER/CLAMP ATTACHMENT FOR RG402 PE-SR402AL PE-SR402FL
PE4150 PASTERNACK-PE4150 Datasheet
96Kb / 1P
TNC FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG402 PE-SR402AL & PE-SR402FL
PE4915 PASTERNACK-PE4915 Datasheet
96Kb / 1P
BNC FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG402 PE-SR402AL & PE-SR402FL
PE4985 PASTERNACK-PE4985 Datasheet
261Kb / 2P
3.5mm Female Bulkhead Connector Clamp/Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4006 PASTERNACK-PE4006 Datasheet
105Kb / 1P
N MALE SOLDER/CLAMP ATTACHMENT FOR RG402 PE-SR402AL & PE-SR402FL
PE4113 PASTERNACK-PE4113 Datasheet
108Kb / 1P
N FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG402 PE-SR402AL & PE-SR402FL
PE4204 PASTERNACK-PE4204 Datasheet
105Kb / 1P
BNC FEMALE SOLDER/CLAMP ATTACHMENT FOR RG402 PE-SR402AL &PE-SR402FL
PE44227 PASTERNACK-PE44227 Datasheet
213Kb / 2P
2.92mm Female Connector Clamp/Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4983 PASTERNACK-PE4983 Datasheet
208Kb / 2P
3.5mm Female Connector Clamp/Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com