Electronic Components Datasheet Search
  English  ▼

X  

PE44103 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44103
Description  MHV Female Connector Crimp/Solder Attachment For RG59, RG62
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44103 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44103 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44103 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
MHV Female Connector Crimp/Solder Attachment For RG59, RG62
Configuration
Connector
MHV Female
Connector Specification
MIL-C-39012
Connector Interface Type
RG59,RG62
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.5 [38.1]
Width/Dia., in [mm]
0.5 [12.70]
.
Weight, lbs [g]
0.027 [12.25]
Connector
Type
MHV Female
Contact Material and Plating
Silver
Contact Plating Specification
QQ-S-365
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
MHV Female Connector Crimp/Solder Attachment For RG59, RG62 from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the
broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MHV Female Connector Crimp/Solder Attachment For RG59, RG62 PE44103
URL: http://www.pasternack.com/mhv-female-standard-rg59-rg62-connector-pe44103-p.aspx
PE44103
PE44103 REV 01
MHV Female Connector Crimp/Solder
Attachment For RG59, RG62


Similar Part No. - PE44103

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4410 PASTERNACK-PE4410 Datasheet
221Kb / 3P
SMA Male Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4410 PASTERNACK-PE4410 Datasheet
318Kb / 3P
SMA Male Right Angle Connector Solder Attachment
PE44100 PASTERNACK-PE44100 Datasheet
87Kb / 1P
MHV FEMALE CRIMP ATTACHMENT FOR RG55, RG141, RG142 RG223&RG400
PE44102 PASTERNACK-PE44102 Datasheet
212Kb / 2P
MHV Female Connector Crimp/Solder Attachment For RG58
PE44104 PASTERNACK-PE44104 Datasheet
100Kb / 1P
UHF FEMALE, CRIMP ATTACHMENT FOR RG174, RG188 & RG316
More results

Similar Description - PE44103

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4075 PASTERNACK-PE4075 Datasheet
153Kb / 3P
MHV Male Connector Crimp/Solder Attachment For RG59, RG62
PE4308 PASTERNACK-PE4308 Datasheet
246Kb / 2P
BNC Female Connector Crimp/Solder Attachment For RG59, RG62
PE44109 PASTERNACK-PE44109 Datasheet
236Kb / 2P
MHV Female Bulkhead Connector Clamp/ Solder Attachment For RG59, RG62
PE44110 PASTERNACK-PE44110 Datasheet
271Kb / 3P
MHV Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62
PE4227 PASTERNACK-PE4227 Datasheet
317Kb / 2P
MHV Male Right Angle Connector Clamp/Solder Attachment For RG59, RG62
PE4687 PASTERNACK-PE4687 Datasheet
285Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG59, RG62
PE4739 PASTERNACK-PE4739 Datasheet
252Kb / 2P
RP BNC Female Connector Crimp/Solder Attachment For RG59, RG62
PE4181 PASTERNACK-PE4181 Datasheet
882Kb / 2P
MHV Female Connector Clamp/Solder Attachment For RG59, RG62
PE4326 PASTERNACK-PE4326 Datasheet
215Kb / 2P
SMA Female Connector Crimp - Solder Attachment For RG59, RG62
PE4459 PASTERNACK-PE4459 Datasheet
206Kb / 2P
TNC Female Connector Crimp - Solder Attachment For RG59, RG62
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com