Electronic Components Datasheet Search
  English  ▼

X  

PE44141 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44141
Description  75 Ohm Mini SMB Jack Connector Solder Attachment 2 Hole Flange Mount Solder Cup Terminal, .328 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44141 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44141 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44141 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44141 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• Mini SMB Jack Connector
• MIL-STD-348
• 75 Ohms
• Straight Body Geometry
• Solder Cup Interface Type
• Solder Attachment
• 2 Hole Flange
Features
• Gold Plated Contact
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE44141 75 ohm Mini SMB jack connector solder attachment 2 hole flange mount solder cup terminal, .328 inch
hole spacing is part of our full line of RF components available for same-day shipping. This Mini SMB 2 hole flange connector
allows designers to create external connections on their product enclosures, and can be used in a variety of other rack mount
and panel mount applications.
Our 75 ohm Mini SMB jack 2 hole flange connector PE44141 datasheet specifications and drawing with dimensions are shown
below in this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure
and customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable connector assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
0.575 in [14.61 mm]
Width/Dia.
0.188 in [4.78 mm]
Height
0.48 in [12.19 mm]
.
Weight
0.003 lbs [1.36 g]
.
Material Specifications
Description
Material
Plating
Contact
Gold
MIL-G-45204
Insulation
PTFE
Body
Brass
Gold
MIL-G-45204
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm Mini SMB Jack Connector Solder Attachment 2 Hole Flange Mount Solder Cup Termi-
nal, .328 inch Hole Spacing PE44141
PE44141 REV 1.1
75 Ohm Mini SMB Jack Connector Solder Attachment 2 Hole
Flange Mount Solder Cup Terminal, .328 inch Hole Spacing
RF Connectors Technical Data Sheet
PE44141


Similar Part No. - PE44141

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4414 PASTERNACK-PE4414 Datasheet
258Kb / 2P
SMA Female Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4414 PASTERNACK-PE4414 Datasheet
352Kb / 3P
SMA Female Connector Crimp/Solder Attachment
PE44140 PASTERNACK-PE44140 Datasheet
254Kb / 2P
SMC Jack Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .328 inch Hole Spacing
PE44142 PASTERNACK-PE44142 Datasheet
204Kb / 2P
SMB Jack Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .232 inch Hole Spacing
PE44143 PASTERNACK-PE44143 Datasheet
235Kb / 2P
SMC Jack Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .232 inch Hole Spacing
More results

Similar Description - PE44141

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44139 PASTERNACK-PE44139 Datasheet
253Kb / 3P
SMB Jack Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .328 inch Hole Spacing
PE4891 PASTERNACK-PE4891 Datasheet
460Kb / 3P
MCX Jack Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .328 inch Hole Spacing
PE4172 PASTERNACK-PE4172 Datasheet
284Kb / 2P
75 Ohm SMB Jack Bulkhead Connector Solder Attachment Solder Cup Terminal .295 inch D HOLE
PE4894 PASTERNACK-PE4894 Datasheet
282Kb / 2P
MCX Jack Connector Solder Attachment 2 Hole Flange Pin Terminal, .328 inch Hole Spacing
PE44395 PASTERNACK-PE44395 Datasheet
221Kb / 3P
SSMA Female Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .328 inch Hole Spacing
PE4168 PASTERNACK-PE4168 Datasheet
204Kb / 2P
75 Ohm SMB Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .317 inch Diameter
PE44140 PASTERNACK-PE44140 Datasheet
254Kb / 2P
SMC Jack Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .328 inch Hole Spacing
PE44142 PASTERNACK-PE44142 Datasheet
204Kb / 2P
SMB Jack Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .232 inch Hole Spacing
PE44431 PASTERNACK-PE44431 Datasheet
221Kb / 3P
SSMA Male Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .328 inch Hole Spacing
PE45380 PASTERNACK-PE45380 Datasheet
344Kb / 4P
SSMC Jack Connector Solder Attachment 2 Hole Flange Mount Solder Cup Terminal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com