Electronic Components Datasheet Search
  English  ▼

X  

PE44216 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44216
Description  2.4mm Female Connector Clamp/Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44216 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44216 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44216 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44216 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• 2.4mm Female Connector
• 50 Ohms
• Straight Body Geometry
• PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-
SR405TN, RG405 Interface Type
• Clamp/Solder Attachment
Features
• Gold over Nickel Plated Beryllium Copper Contact
• 50 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE44216 2.4mm female connector with clamp/solder attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ,
PE-SR405TN and RG405 is part of our full line of RF components available for same-day shipping.
Our 2.4mm female connector PE44216 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
0.97 in [24.64 mm]
Width/Dia.
0.33 in [8.38 mm]
.
Weight
0.018 lbs [8.16 g]
.
Material Specifications
Description
Material
Plating
Contact
Beryllium Copper
Gold over Nickel
50 µin minimum
Insulation
PEI
Body
Passivated Stainless Steel
SAE-AMS-2700
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.4mm Female Connector Clamp/Solder Attachment for PE-SR405AL, PE-SR405FL, PE-
SR405FLJ, PE-SR405TN, RG405 PE44216
PE44216 REV 1.1
2.4mm Female Connector Clamp/Solder Attachment for PE-
SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
RF Connectors Technical Data Sheet
PE44216


Similar Part No. - PE44216

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4421 PASTERNACK-PE4421 Datasheet
285Kb / 2P
SMA Female Bulkhead Connector Clamp/Solder Attachment For RG178, RG196, .235 inch D Hole
PE44210 PASTERNACK-PE44210 Datasheet
300Kb / 3P
SMA Male Connector Solder Attachment 0.042 inch End Launch PCB, .020 inch x .010 inch Contact
PE44211 PASTERNACK-PE44211 Datasheet
217Kb / 2P
SMA Female Bulkhead Connector Solder Attachment 0.042 inch End Launch PCB, .250 inch Diameter, .030 inch Diameter
PE44212 PASTERNACK-PE44212 Datasheet
227Kb / 3P
SMA Female Bulkhead Connector Solder Attachment 0.062 inch End Launch PCB, .250 inch Diameter, .030 inch Diameter
PE44213 PASTERNACK-PE44213 Datasheet
305Kb / 3P
SMA Female Bulkhead Connector Solder Attachment 0.042 inch End Launch PCB, .250 inch Diameter, .020 inch x .010 inch Contact
More results

Similar Description - PE44216

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44215 PASTERNACK-PE44215 Datasheet
271Kb / 2P
2.4mm Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4130 PASTERNACK-PE4130 Datasheet
105Kb / 1P
N FEMALE SOLDER/CLAMP ATTACHMENT FOR RG405 PE-SR405AL & PE-SR405FL
PE44704 PASTERNACK-PE44704 Datasheet
847Kb / 2P
N Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44694 PASTERNACK-PE44694 Datasheet
871Kb / 2P
SMA Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44712 PASTERNACK-PE44712 Datasheet
875Kb / 2P
TNC Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44345 PASTERNACK-PE44345 Datasheet
588Kb / 3P
2.4mm Male Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44796 PASTERNACK-PE44796 Datasheet
216Kb / 2P
2.92mm Male Precision Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44228 PASTERNACK-PE44228 Datasheet
330Kb / 3P
2.92mm Female Connector Clamp/Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
PE45365 PASTERNACK-PE45365 Datasheet
365Kb / 5P
SSMC Plug Connector Clamp/Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
PE45370 PASTERNACK-PE45370 Datasheet
386Kb / 5P
SSMC Jack Bulkhead Mount Connector Clamp Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com