Electronic Components Datasheet Search
  English  ▼

X  

PE44262 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44262
Description  75 Ohm 1.6/5.6 Plug Connector Crimp Solder Attachment For RG179, RG187
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44262 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44262 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44262 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm 1.6/5.6 Plug Connector Crimp/Solder Attachment For RG179, RG187
Configuration
Connector
1.6/5.6 Plug
Connector Interface Type
RG179,RG187
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
1.09 [27.69]
Width/Dia., in [mm]
0.425 [10.80]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
1.6/5.6 Plug
Contact Material and Plating
Brass, Gold
Contact Plating Specification
3µ-5µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm 1.6/5.6 Plug Connector Crimp/Solder Attachment For RG179, RG187 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm 1.6/5.6 Plug Connector Crimp/Solder Attachment For RG179, RG187 PE44262
URL:
http://www.pasternack.com/1.6-5.6-plug-standard-rg179-rg187-connector-pe44262-p.aspx
PE44262
PE44262 REV 01
75 Ohm 1.6/5.6 Plug Connector Crimp/
Solder Attachment For RG179, RG187


Similar Part No. - PE44262

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4426 PASTERNACK-PE4426 Datasheet
115Kb / 1P
SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG188-DS & RG316-DS
PE44260 PASTERNACK-PE44260 Datasheet
211Kb / 2P
1.0-2.3 Jack Right Angle Bulkhead Connector Crimp- Solder Attachment For RG58, .236 inch DD Hole
PE44261 PASTERNACK-PE44261 Datasheet
216Kb / 3P
1.0-2.3 Jack Right Angle Bulkhead Connector Crimp-Solder Attachment For RG174, RG316, RG188, .236 inch DD Hole
PE44263 PASTERNACK-PE44263 Datasheet
291Kb / 2P
75 Ohm 1.6/5.6 Plug Connector Crimp/ Solder Attachment For RG59
PE44264 PASTERNACK-PE44264 Datasheet
305Kb / 3P
75 Ohm 1.6/5.6 Plug Right Angle Connector Clamp/ Solder Attachment For RG179, RG187
More results

Similar Description - PE44262

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44266 PASTERNACK-PE44266 Datasheet
307Kb / 3P
75 Ohm 1.6/5.6 Jack Bulkhead Connector Crimp/Solder Attachment For RG179, RG187, .362 inch DD Hole
PE44264 PASTERNACK-PE44264 Datasheet
305Kb / 3P
75 Ohm 1.6/5.6 Plug Right Angle Connector Clamp/ Solder Attachment For RG179, RG187
PE4604 PASTERNACK-PE4604 Datasheet
311Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG179, RG187
PE44443 PASTERNACK-PE44443 Datasheet
838Kb / 2P
75 Ohm SMB Positive Snap Plug Connector Crimp/Solder Attachment For RG179, RG187
PE4248 PASTERNACK-PE4248 Datasheet
250Kb / 1P
75 Ohm SMB Plug Connector Crimp/Solder Attachment For RG179,RG187
PE4616 PASTERNACK-PE4616 Datasheet
237Kb / 3P
75 Ohm BNC Female Connector Crimp/Solder Attachment For RG179, RG187
PE44263 PASTERNACK-PE44263 Datasheet
291Kb / 2P
75 Ohm 1.6/5.6 Plug Connector Crimp/ Solder Attachment For RG59
PE44319 PASTERNACK-PE44319 Datasheet
251Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment For RG179, RG187
PE4249 PASTERNACK-PE4249 Datasheet
250Kb / 3P
75 Ohm SMC Plug Connector Crimp-Solder Attachment For RG179, RG187
PE4254 PASTERNACK-PE4254 Datasheet
217Kb / 2P
75 Ohm SMC Jack Connector Crimp-Solder Attachment For RG179, RG187
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com