Electronic Components Datasheet Search
  English  ▼

X  

PE44270 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44270
Description  75 Ohm 1.6/5.6 Jack Bulkhead Connector Solder Attachment Thru Hole PCB, .362 inch Diameter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44270 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44270 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44270 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm 1.6/5.6 Jack Bulkhead Connector Solder Attachment Thru Hole PCB, .362 inch Diameter
Configuration
Connector
1.6/5.6 Jack
Connector Interface Type
Thru Hole
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
0.921 [23.39]
Width/Dia., in [mm]
0.425 [10.80]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
1.6/5.6 Jack
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
3µ in. minimum
Body Material and Plating
Brass, Gold
Body Plating Specification
3µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm 1.6/5.6 Jack Bulkhead Connector Solder Attachment Thru Hole PCB, .362 inch Diameter from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm 1.6/5.6 Jack Bulkhead Connector Solder Attachment Thru Hole PCB, .362 inch Diameter
PE44270
URL: http://www.pasternack.com/1.6-5.6-jack-standard-thru-hole-pcb-connector-pe44270-p.aspx
PE44270
PE44270 REV 01
75 Ohm 1.6/5.6 Jack Bulkhead Connector Solder
Attachment Thru Hole PCB, .362 inch Diameter


Similar Part No. - PE44270

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4427 PASTERNACK-PE4427 Datasheet
255Kb / 2P
SMA Female Bulkhead Connector Crimp/Solder Attachment For RG316, RG174, RG188, .235 inch D Hole
PE4427 PASTERNACK-PE4427 Datasheet
471Kb / 5P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment
PE44271 PASTERNACK-PE44271 Datasheet
217Kb / 3P
75 Ohm 1.6/5.6 Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .052 inch Hole Spacing
PE44272 PASTERNACK-PE44272 Datasheet
218Kb / 2P
SMP Female Connector Solder Attachment For PE-SR405AL,PE-SR405FL RG405, 18 GHz Version
PE44273 PASTERNACK-PE44273 Datasheet
216Kb / 2P
SMP Female Connector Solder Attachment For PE- 047SR, PE-SR047AL, PE-SR047FL, 18 GHz Version
More results

Similar Description - PE44270

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44266 PASTERNACK-PE44266 Datasheet
307Kb / 3P
75 Ohm 1.6/5.6 Jack Bulkhead Connector Crimp/Solder Attachment For RG179, RG187, .362 inch DD Hole
PE44125 PASTERNACK-PE44125 Datasheet
226Kb / 3P
75 Ohm Mini SMB Jack Bulkhead Connector Solder Attachment Thru Hole PCB, .177 inch D Hole
PE44125 PASTERNACK-PE44125 Datasheet
226Kb / 3P
75 Ohm Mini SMB Jack Bulkhead Connector Solder Attachment Thru Hole PCB, .177 inch D Hole
PE44267 PASTERNACK-PE44267 Datasheet
214Kb / 2P
75 Ohm 1.6/5.6 Jack Bulkhead Connector Crimp/ Solder Attachment For RG59, .362 inch DD Hole
PE44268 PASTERNACK-PE44268 Datasheet
218Kb / 3P
75 Ohm 1.6/5.6 Jack Right Angle Bulkhead Connector Crimp/ Solder Attachment For RG179, RG187, .362 inch DD Hole
PE44269 PASTERNACK-PE44269 Datasheet
216Kb / 3P
75 Ohm 1.6/5.6 Jack Right Angle Bulkhead Connector Crimp/Solder Attachment For RG59, .362 inch DD Hole
PE44271 PASTERNACK-PE44271 Datasheet
217Kb / 3P
75 Ohm 1.6/5.6 Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .052 inch Hole Spacing
PE44259 PASTERNACK-PE44259 Datasheet
212Kb / 2P
1.0-2.3 Jack Bulkhead Connector Solder Attachment Thru Hole PCB, .220 inch Diameter
PE4176 PASTERNACK-PE4176 Datasheet
816Kb / 2P
75 Ohm SMC Jack Connector Solder Attachment Thru Hole PCB
PE4176 PASTERNACK-PE4176_16 Datasheet
350Kb / 3P
75 Ohm SMC Jack Connector Solder Attachment Thru Hole PCB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com