Electronic Components Datasheet Search
  English  ▼

X  

CY2DP814 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY2DP814
Description  1:4 Clock Fanout Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP814 Datasheet(HTML) 6 Page - Cypress Semiconductor

  CY2DP814 Datasheet HTML 1Page - Cypress Semiconductor CY2DP814 Datasheet HTML 2Page - Cypress Semiconductor CY2DP814 Datasheet HTML 3Page - Cypress Semiconductor CY2DP814 Datasheet HTML 4Page - Cypress Semiconductor CY2DP814 Datasheet HTML 5Page - Cypress Semiconductor CY2DP814 Datasheet HTML 6Page - Cypress Semiconductor CY2DP814 Datasheet HTML 7Page - Cypress Semiconductor CY2DP814 Datasheet HTML 8Page - Cypress Semiconductor CY2DP814 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ComLink™ Series
CY2DP814
Document #: 38-07060 Rev. *B
Page 6 of 9
Notes:
8.
VOC measurement requires equipment with a 3-dB bandwidth of at least 300 MHz.
9.
All input pulses are supplied by a frequency generator with the following characteristics: TR and tF
≤ 1 nS; pulse re-rate = 50 Mpps; pulse width = 10 ± 0.2 nS.
1.4 V
1.0 V
V I(A )
V I(B )
V o c (ss)
V DD
V o c (pp)
VO D
VO C
TPA
TPC
TPB
50
50
GN D
15 0
15 0
S ta nda rd Te rm in a tio n
Pu ls e
G enerator
A
B
En 1
En 2
Figure 3. Test Circuit & Voltage Definitions for the Driver Common-mode Output Voltage[3, 4, 5, 7, 8]
0.0V
100%
80%
20%
0%
tR
tF
1.4V
1.0V
VI(A)
VI(B)
En1
En2
TPA
TPC
TPB
50
50
GND
150
150
Standard Termination
Pulse
Generator
A
B
10pF
VDD-2V
Figure 4. Test Circuit & Voltage Definitions for the Differential Output Signal [3, 4, 5, 6, 7]
TPA
TPC
TPB
50
50
Parallel Termination
En1
En2
Pu ls e
G enerator
Pu ls e
G enerator
VOC
t
pd
t
pe
DE
Q
+
VDD-2V
Figure 5. Test Circuit & Voltage Definitions for the Driver Common-Mode Output Voltage[3, 4, 5, 8, 9]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com