Electronic Components Datasheet Search
  English  ▼

X  

PE44385 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44385
Description  SSMA Female Connector Crimp/Solder Attachment for RG174, RG316, RG188, PE-B100, PE-C100, 0.100 inch, LMR-100
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44385 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44385 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44385 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44385 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SSMA Female Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• RG174, RG316, RG188, PE-B100, PE-C100, 0.100
inch, LMR-100 Interface Type
• Crimp/Solder Attachment
Features
• Gold Plated Contact
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE44385 SSMA female connector with crimp/solder attachment for RG174, RG316, RG188, PE-B100, PE-
C100, 0.100 inch and LMR-100 is part of our full line of RF components available for same-day shipping.
Our SSMA female connector PE44385 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
0.828 in [21.03 mm]
Width/Dia.
0.25 in [6.35 mm]
.
Weight
0.006 lbs [2.72 g]
.
Material Specifications
Description
Material
Plating
Contact
Gold
MIL-G-45204
Insulation
PTFE
Body
Brass
Nickel
QQ-N-290
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMA Female Connector Crimp/Solder Attachment for RG174, RG316, RG188, PE-B100,
PE-C100, 0.100 inch, LMR-100 PE44385
PE44385 REV 1.1
SSMA Female Connector Crimp/Solder Attachment for RG174,
RG316, RG188, PE-B100, PE-C100, 0.100 inch, LMR-100
RF Connectors Technical Data Sheet
PE44385


Similar Part No. - PE44385

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4438 PASTERNACK-PE4438 Datasheet
280Kb / 2P
N Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4438 PASTERNACK-PE4438 Datasheet
388Kb / 3P
N Female Connector Crimp/Solder Attachment
PE44380 PASTERNACK-PE44380 Datasheet
227Kb / 3P
SSMA Male Right Angle Connector Crimp - Solder Attachment For RG178, RG196
PE44381 PASTERNACK-PE44381 Datasheet
274Kb / 3P
SSMA Male Connector Crimp/Solder Attachment For RG178, RG196
PE44382 PASTERNACK-PE44382 Datasheet
292Kb / 2P
SSMA Male Connector Solder (Without Contact) Attachment For PE-SR405AL, PE-SR405FL, RG405
More results

Similar Description - PE44385

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4184 PASTERNACK-PE4184 Datasheet
90Kb / 1P
SSMA MALE SOLDER ATTACHMENT FOR RG174 RG188 RG316
PE44403 PASTERNACK-PE44403 Datasheet
111Kb / 1P
SSMA FEMALE SOLDER ATTACHMENT FOR RG174 RG188 RG316
PE44388 PASTERNACK-PE44388 Datasheet
226Kb / 3P
SSMA Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
PE44675 PASTERNACK-PE44675 Datasheet
253Kb / 3P
N Male Right Angle Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, LMR-100, LMR-100A, LMR-100A-PVC, PE-B100, RG188
PE44379 PASTERNACK-PE44379 Datasheet
265Kb / 3P
SSMA Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE45316 PASTERNACK-PE45316 Datasheet
394Kb / 4P
BMA Plug Bulkhead Mount Slide-On Connector Crimp/Solder Attachment for RG316, RG188, RG174, PE-C100, LMR-100A
PE45319 PASTERNACK-PE45319 Datasheet
442Kb / 5P
BMA Jack Snap-On Connector Crimp/Solder Attachment for RG316, RG188, RG174, PE-C100, LMR-100A
PE45368 PASTERNACK-PE45368 Datasheet
387Kb / 5P
SSMC Plug Connector Crimp/Solder Attachment for LMR-100A, RG188, RG174, PE-C100-LSZH, PE-B100, LMR-100A-FR, RG316
PE45382 PASTERNACK-PE45382 Datasheet
381Kb / 5P
SSMC Plug Right Angle Connector Crimp/Solder Attachment for RG316, RG188, RG174, PE-C100-LSZH, PE-B100, LMR-100A-FR, LMR-100A
PE45404H PASTERNACK-PE45404H Datasheet
725Kb / 5P
FAKRA Plug Connector Crimp/Solder Attachment for RG174, RG316, RG188, .100 inch, PE-B100, PE-C100, LMR-100, Violet Color
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com