Electronic Components Datasheet Search
  English  ▼

X  

PE44405 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44405
Description  SSMA Female Bulkhead Mount Connector Solder Attachment for RG174, RG316, RG188, .177 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44405 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44405 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44405 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Configuration
• SSMA Female Connector
• 50 Ohms
• Straight Body Geometry
• RG174, RG316, RG188 Interface Type
• Solder/Solder Attachment
• Bulkhead
.
Mechanical Specifications
.
Weight
0.005 lbs [2.27 g]
.
Material Specifications
Description
Material
Plating
Body
Brass
Nickel
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
SSMA Female Bulkhead Mount Connector Solder Attachment for RG174, RG316, RG188, .177 inch D Hole from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMA Female Bulkhead Mount Connector Solder Attachment for RG174, RG316, RG188, .177
inch D Hole PE44405
URL: http://www.pasternack.com/ssma-female-standard-rg174-rg316-rg188-connector-pe44405-p.aspx
PE44405 REV 1.1
SSMA Female Bulkhead Mount Connector Solder
Attachment for RG174, RG316, RG188, .177 inch D Hole
RF Connectors Technical Data Sheet
PE44405


Similar Part No. - PE44405

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4440 PASTERNACK-PE4440 Datasheet
109Kb / 1P
N FEMALE BULKHEAD CLAMP ATTACHMENT
PE44401 PASTERNACK-PE44401 Datasheet
115Kb / 1P
SSMA MALE RIGHT ANGLE SOLDER ATTACHMENT FOR RG174 RG188 &RG316
PE44402 PASTERNACK-PE44402 Datasheet
114Kb / 1P
SSMA MALE RIGHT ANGLE, SOLDER ATTACHMENT FOR RG178 & RG196
PE44403 PASTERNACK-PE44403 Datasheet
111Kb / 1P
SSMA FEMALE SOLDER ATTACHMENT FOR RG174 RG188 RG316
PE44404 PASTERNACK-PE44404 Datasheet
111Kb / 1P
SSMA FEMALE SOLDER ATTACHMENT FOR RG178 &RG196
More results

Similar Description - PE44405

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4184 PASTERNACK-PE4184 Datasheet
90Kb / 1P
SSMA MALE SOLDER ATTACHMENT FOR RG174 RG188 RG316
PE44403 PASTERNACK-PE44403 Datasheet
111Kb / 1P
SSMA FEMALE SOLDER ATTACHMENT FOR RG174 RG188 RG316
PE4276 PASTERNACK-PE4276 Datasheet
262Kb / 2P
SMB Jack Bulkhead Connector Clamp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
PE4278 PASTERNACK-PE4278 Datasheet
873Kb / 2P
SMC Jack Bulkhead Connector Clamp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
PE4427 PASTERNACK-PE4427 Datasheet
255Kb / 2P
SMA Female Bulkhead Connector Crimp/Solder Attachment For RG316, RG174, RG188, .235 inch D Hole
PE4188 PASTERNACK-PE4188 Datasheet
89Kb / 1P
SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG174 RG188 & RG316
PE4095 PASTERNACK-PE4095 Datasheet
265Kb / 2P
SMC Jack Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
PE44373 PASTERNACK-PE44373 Datasheet
205Kb / 2P
RP MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
PE44388 PASTERNACK-PE44388 Datasheet
226Kb / 3P
SSMA Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
PE44428 PASTERNACK-PE44428 Datasheet
231Kb / 3P
SSMA Female Bulkhead Connector Solder Attachment For PE-034SR, .177 inch D Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com